Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 78 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 78 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 74Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 75Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 76Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 77Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 78Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 79Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 80Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 81Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 82Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-77
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.12
Inductive Proximity Sensors
Nonmetallic Tubular Sensors
Product Selection
Nonmetallic Tubular Sensors
Two-Wire Sensors 1
Three-Wire Sensors 1
Note
1 For a selection of mounting brackets and other accessories for use with these sensors, see Tab 8, section 8.2.
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type
NO Output
Catalog Number
NC Output
Catalog Number
12 mm Diameter
20–250 Vac
50/60 Hz
2 mm
Shielded
2-meter cable
E55CAL12A2
E55CBL12A2
4 mm
Unshielded
2-meter cable
E55CAL12A2E
E55CBL12A2E
18 mm Diameter
20–250 Vac
50/60 Hz
5 mm
Shielded
2-meter cable
E55CAL18A2
E55CBL18A2
8 mm
Unshielded
2-meter cable
E55CAL18A2E
E55CBL18A2E
30 mm Diameter
20–250 Vac
50/60 Hz
10 mm
Shielded
2-meter cable
E55CAL30A2
E55CBL30A2
15 mm
Unshielded
2-meter cable
E55CAL30A2E
E55CBL30A2E
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type
NO Output
Catalog Number
NC Output
Catalog Number
12 mm Diameter
10–30 Vdc
2 mm
Shielded (NPN)
2-meter cable
E55CAL12T110
E55CBL12T110
Shielded (PNP)
2-meter cable
E55CAL12T111
E55CBL12T111
4 mm
Unshielded (NPN)
2-meter cable
E55CAL12T110E
E55CBL12T110E
Unshielded (PNP)
2-meter cable
E55CAL12T111E
E55CBL12T111E
18 mm Diameter
10–30 Vdc
5 mm
Shielded (NPN)
2-meter cable
E55CAL18T110
E55CBL18T110
Shielded (PNP)
2-meter cable
E55CAL18T111
E55CBL18T111
8 mm
Unshielded (NPN)
2-meter cable
E55CAL18T110E
E55CBL18T110E
Unshielded (PNP)
2-meter cable
E55CAL18T111E
E55CBL18T111E
30 mm Diameter
10–30 Vdc
10 mm
Shielded (NPN)
2-meter cable
E55CAL30T110
E55CBL30T110
Shielded (PNP)
2-meter cable
E55CAL30T111
E55CBL30T111
15 mm
Unshielded (NPN)
2-meter cable
E55CAL30T110E
E55CBL30T110E
Unshielded (PNP)
2-meter cable
E55CAL30T111E
E55CBL30T111E
12 mm
18 mm
30 mm
12 mm
18 mm
30 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com