Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSAS3F3RY2210 Datasheet(PDF) 64 Page - Eaton All Rights Reserved.

Part # CSAS3F3RY2210
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSAS3F3RY2210 Datasheet(HTML) 64 Page - Eaton All Rights Reserved.

Back Button CSAS3F3RY2210 Datasheet HTML 60Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 61Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 62Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 63Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 64Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 65Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 66Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 67Page - Eaton All Rights Reserved. CSAS3F3RY2210 Datasheet HTML 68Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
V8-T3-63
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.9
Inductive Proximity Sensors
High Current Output Sensors
Product Selection
High Current Output Sensors
Four-Wire Sensors
Six-Wire Sensors 2
Accessories
High Current Output Sensors
Notes
1 For additional cable length other than 2-meter, add desired length in meters to listed catalog number.
Example: For an E57-30JS10-H with a 5-meter cable, order E57-30JS10-H5.
2 50 Amp surge, 12 Amp at 50% duty cycle and 8 Amp continuous.
Operating
Voltage
Sensing
Range
Output Rating
Shielding
Output Type
Continuous
<100 ms Pulse
Connection Type 1
Catalog Number
30 mm Diameter
10–55 Vdc
10 mm
Shielded
NO and NC
(PNP)
3.5 A
20 A
2-meter cable
E57-30JS10-H
Operating
Voltage
Sensing
Range
Output Rating
Shielding
Output Type
Continuous
<100 ms Pulse
Connection Type 1
Catalog Number
30 mm Diameter
10–30 Vdc
10 mm
Shielded
NO and NO, or
NC and NC
(NPN or PNP)
8 A
50 A
2-meter cable
E57-30HS10-K
Description
Reference
Mounting brackets
See Tab 8,
section 8.2
Replacement mounting nuts and other accessories
See Tab 8,
section 8.3
30 mm
30 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com