Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 1 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 1 Page - Cree, Inc

  2835LED Datasheet HTML 1Page - Cree, Inc 2835LED Datasheet HTML 2Page - Cree, Inc 2835LED Datasheet HTML 3Page - Cree, Inc 2835LED Datasheet HTML 4Page - Cree, Inc 2835LED Datasheet HTML 5Page - Cree, Inc 2835LED Datasheet HTML 6Page - Cree, Inc 2835LED Datasheet HTML 7Page - Cree, Inc 2835LED Datasheet HTML 8Page - Cree, Inc 2835LED Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PRODUCT FAMILY DATA SHEET
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo
are registered trademarks and J Series™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are
marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
J Series™ Products are sold exclusively by Cree Venture LED Company Limited (“Cree Venture”), regardless of geography. Any orders for
J Series Products that are submitted to Cree, Inc. or any of its other subsidiaries will be directed to Cree Venture for acknowledgement
and order fulfillment.
Cree® J Series™ 2835 LEDs
PRODUCT DESCRIPTION
J  Series™ LEDs extend Cree’s industry‑leading portfolio of
lighting‑class LEDs to a broader set of applications. The J Series
2835 LEDs combine high efficacy and excellent value in a reliable
package. The J  Series 2835 Standard LEDs are optimized
for low‑density lighting applications where high efficacy and
smooth appearance are critical, such as downlights, troffers,
and panel lights. The J Series 2835 Fidelity LEDs offer high CRI
and are optimized for lighting applications where good color
quality is critical.
FEATURES
• Industry‑compatible size : 2.8 x 3.5 x 0.7 mm
• 3‑V configuration
• Flux binned at 25 °C, chromaticity binned at 85 °C
• 6500 K–2700 K ANSI CCTs available
• 70, 80 & 90 CRI available for all CCTs
• 95 CRI minimum available for 5000 K, 4000 K, 3500 K,
3000 K & 2700 K
• RoHS and REACh compliant
• UL® recognized component (E495478)
PRODUCT SUMMARY
Product
Power
Class
Test
Temperature
Test
Current
Typical
Forward
Voltage
4000 K, 70 CRI
3000 K, 80 CRI
Maximum
Current
Typical Flux
Typical Efficacy
Typical Flux
Typical Efficacy
JE2835 3-V
Standard
0.5 W
25 °C
150 mA
3 V
80 lm
178 LPW
72 lm
160 LPW
240 mA


Similar Part No. - 2835LED

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2835 KR-2835 Datasheet
59Kb / 2P
85 MHz differential notch filter
logo
Heyco.
2835 HEYCO-2835 Datasheet
102Kb / 1P
Shorty Bushings
logo
PHOENIX CONTACT
2835079 PHOENIX-2835079 Datasheet
93Kb / 4P
Signal converter - PI-EX-THC-I
logo
Wiha Tools
28352 WIHA-28352 Datasheet
66Kb / 1P
Torque screwdriver iTorque®
logo
PHOENIX CONTACT
2835325 PHOENIX-2835325 Datasheet
215Kb / 6P
PI-EX-ES-1/3
More results

Similar Description - 2835LED

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JRC0118 IDEA-JRC0118 Datasheet
30Kb / 1P
J Series Surface Mount LEDs
logo
Cree, Inc
JB30303-V CREE-JB30303-V Datasheet
3Mb / 34P
Cree J Series 3030 LEDs
JE28353-V CREE-JE28353-V Datasheet
3Mb / 29P
Cree J Series 2835 LEDs
JB5630 CREE-JB5630 Datasheet
3Mb / 26P
Cree짰 J Series??5630 LEDs
JB20163-V CREE-JB20163-V Datasheet
11Mb / 26P
Cree짰 J Series??2016 LEDs
JK28359-V CREE-JK28359-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 9?멫 Value LEDs
JK283518-V CREE-JK283518-V Datasheet
5Mb / 28P
Cree짰 J Series??2835 18-V LEDs
JQ5050 CREE-JQ5050 Datasheet
4Mb / 26P
Cree짰 J Series??5050 9?멫 LEDs
logo
Broadcom Corporation.
ASMW-LG00 BOARDCOM-ASMW-LG00 Datasheet
974Kb / 13P
0.5W 2835 Surface-Mount LED
logo
Cree, Inc
JE2835 CREE-JE2835 Datasheet
4Mb / 86P
J Series® JE2835 Color LEDs
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com