Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 25 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 25 Page - Cree, Inc

Back Button 2835LED Datasheet HTML 20Page - Cree, Inc 2835LED Datasheet HTML 21Page - Cree, Inc 2835LED Datasheet HTML 22Page - Cree, Inc 2835LED Datasheet HTML 23Page - Cree, Inc 2835LED Datasheet HTML 24Page - Cree, Inc 2835LED Datasheet HTML 25Page - Cree, Inc 2835LED Datasheet HTML 26Page - Cree, Inc 2835LED Datasheet HTML 27Page - Cree, Inc 2835LED Datasheet HTML 28Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
25
J SERIES™ 2835 LED
TAPE & REEL
All Cree Venture carrier tapes conform to EIA‑481D, Automated Component Handling Systems Standard.
All dimensions in mm.
Symbol
Specification
Symbol
Specification
W
8.00 ± 0.10
A
0
3.00 ± 0.10
E
1.75 ± 0.10
B
0
3.70 ± 0.10
F
3.50 ± 0.05
K
0
1.05 ± 0.10
D
0
1.55 ± 0.10
P
0
4.00 ± 0.10
P
1
4.00 ± 0.10
P
2
2.00 ± 0.05
T
0.20 ± 0.05
T1
0.05
.
Cathode side
Anode side
User feed direction
Capacity per reel
4,000 LEDs
Leader
More that 350 mm
unloaded tape
Trailer
More than 350 mm
unloaded tape
End
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com