Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 4 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 4 Page - Cree, Inc

  2835LED Datasheet HTML 1Page - Cree, Inc 2835LED Datasheet HTML 2Page - Cree, Inc 2835LED Datasheet HTML 3Page - Cree, Inc 2835LED Datasheet HTML 4Page - Cree, Inc 2835LED Datasheet HTML 5Page - Cree, Inc 2835LED Datasheet HTML 6Page - Cree, Inc 2835LED Datasheet HTML 7Page - Cree, Inc 2835LED Datasheet HTML 8Page - Cree, Inc 2835LED Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
4
J SERIES™ 2835 LED
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Thermal resistance, junction to solder point
°C/W
20
Viewing angle (FWHM)
degrees
120
Temperature coefficient of voltage
mV/°C
‑0.9
ESD withstand voltage (JEDEC JS‑001‑2012)
V
Class 2
DC forward current
mA
240
Reverse voltage
V
5
Forward voltage (@ 150 mA, 25 °C)
V
3.0
3.3
LED junction temperature
°C
125
Operating temperature
°C
‑40
105
OPERATING LIMITS
The maximum forward current is determined by the thermal resistance between the LED junction and ambient.
Operating Limits
0
50
100
150
200
250
0
20
40
60
80
100
120
Ambient Temperature (°C)
82 °C, 240 mA
105 °C, 111 mA
Rj-a = 60 °C/W
JE2835 3-V
Standard &
Fidelity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com