Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 10 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 10 Page - Cree, Inc

Back Button 2835LED Datasheet HTML 6Page - Cree, Inc 2835LED Datasheet HTML 7Page - Cree, Inc 2835LED Datasheet HTML 8Page - Cree, Inc 2835LED Datasheet HTML 9Page - Cree, Inc 2835LED Datasheet HTML 10Page - Cree, Inc 2835LED Datasheet HTML 11Page - Cree, Inc 2835LED Datasheet HTML 12Page - Cree, Inc 2835LED Datasheet HTML 13Page - Cree, Inc 2835LED Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
10
J SERIES™ 2835 LED
RELATIVE SPECTRAL POWER DISTRIBUTION - FIDELITY
RELATIVE LUMINOUS FLUX VS. JUNCTION TEMPERATURE
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000 K, 95 CRI
4000 K, 95 CRI
3500 K, 95 CRI
3000 K, 95 CRI
2700 K, 95 CRI
9-V Value W Class data from graphics/190605 FLO JK2835BWT 9V W-Class.xlsx
6-V Value W Class data from graphics/190604 FLO JK2835 6V W-Class 15x30.xlsx
Relative Flux Output vs. Junction Temperature
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
25
50
75
100
125
150
Junction Temperature (ºC)
JE2835 3-V
Standard &
Fidelity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com