Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 14 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 14 Page - Cree, Inc

Back Button 2835LED Datasheet HTML 10Page - Cree, Inc 2835LED Datasheet HTML 11Page - Cree, Inc 2835LED Datasheet HTML 12Page - Cree, Inc 2835LED Datasheet HTML 13Page - Cree, Inc 2835LED Datasheet HTML 14Page - Cree, Inc 2835LED Datasheet HTML 15Page - Cree, Inc 2835LED Datasheet HTML 16Page - Cree, Inc 2835LED Datasheet HTML 17Page - Cree, Inc 2835LED Datasheet HTML 18Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
14
J SERIES™ 2835 LED
PERFORMANCE GROUPS - CHROMATICITY - CONTINUED (T
j = 85 °C)
CCT
MacAdam Ellipse
Included Bins
Center Point
Major Axis
Minor Axis
Rotation Angle (°)
x
y
a
b
5700 K
3‑step
2G0
0.3287
0.3417
0.00746
0.00320
59.09
5‑step
2G0,
2EA, 2EB,
2EC, 2ED
0.3287
0.3417
0.01243
0.00533
59.09
0.32
0.33
0.34
0.35
0.36
0.37
0.305
0.315
0.325
0.335
0.345
0.355
CCx
2EB
2EC
2ED
2EA
ANSI 5700 K
2G0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com