Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 24 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 24 Page - Cree, Inc

Back Button 2835LED Datasheet HTML 20Page - Cree, Inc 2835LED Datasheet HTML 21Page - Cree, Inc 2835LED Datasheet HTML 22Page - Cree, Inc 2835LED Datasheet HTML 23Page - Cree, Inc 2835LED Datasheet HTML 24Page - Cree, Inc 2835LED Datasheet HTML 25Page - Cree, Inc 2835LED Datasheet HTML 26Page - Cree, Inc 2835LED Datasheet HTML 27Page - Cree, Inc 2835LED Datasheet HTML 28Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
24
J SERIES™ 2835 LED
MECHANICAL DIMENSIONS
Thermal vias, if present, are not shown on these drawings.
All measurements are ±0.2 mm unless otherwise indicated.
All measurements are ±0.1 mm unless otherwise indicated.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTANED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
2.06
1.8
0.45
0.99
0.3
0.5
0.65
1.65
0.76
0.79
1.44
2
/
2
28.000
A
2610-00094
2835-003 OUTLINE
RECOMMENDED SOLDER PAD
RECOMMENDED STENCIL OPENING
HATCHED AREA IS OPEN
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTANED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
2.06
1.8
0.45
0.99
0.3
0.5
0.65
1.65
0.76
0.79
1.44
2
/
2
28.000
A
2610-00094
2835-003 OUTLINE
RECOMMENDED SOLDER PAD
RECOMMENDED STENCIL OPENING
HATCHED AREA IS OPEN
Recommended Solder Pad
Recommended Stencil Pattern
(Hatched Area Is Open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com