Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 22 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 22 Page - Cree, Inc

Back Button 2835LED Datasheet HTML 18Page - Cree, Inc 2835LED Datasheet HTML 19Page - Cree, Inc 2835LED Datasheet HTML 20Page - Cree, Inc 2835LED Datasheet HTML 21Page - Cree, Inc 2835LED Datasheet HTML 22Page - Cree, Inc 2835LED Datasheet HTML 23Page - Cree, Inc 2835LED Datasheet HTML 24Page - Cree, Inc 2835LED Datasheet HTML 25Page - Cree, Inc 2835LED Datasheet HTML 26Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
22
J SERIES™ 2835 LED
NOTES
Measurements
The luminous flux, radiant power, chromaticity, forward voltage and CRI measurements in this document are binning specifications only
and solely represent product measurements as of the date of shipment. These measurements will change over time based on a number
of factors that are not within Cree Venture’s control and are not intended or provided as operational specifications for the products.
Calculated values are provided for informational purposes only and are not intended or provided as specifications.
Pre-Release Qualification Testing
Please read the J Series Reliability Overview for the details of the pre‑release qualification testing for J Series LEDs.
Lumen Maintenance
Cree Venture uses standardized IES LM‑80‑08 and TM‑21‑11 methods for collecting long‑term data and extrapolating LED lumen
maintenance. For information on the specific LM‑80 data sets available for this LED, refer to the public J Series LM‑80 results document.
Please read the Thermal Management application note for details on how thermal design, ambient temperature, and drive current affect
the LED junction temperature.
Moisture Sensitivity
Cree Venture recommends keeping J Series 2835 LEDs in the provided, resealable moisture‑barrier packaging (MBP) until immediately
prior to soldering. Unopened MBP that contains J Series 2835 LEDs does not need special storage for moisture sensitivity.
Once the MBP is opened, J Series 2835 LEDs should be handled and stored
as MSL 3 per JEDEC J‑STD‑033, meaning they have limited exposure time
before damage to the LED may occur during the soldering operation. The
table on the right specifies the maximum exposure time in days depending
on temperature and humidity conditions. LEDs with exposure time longer
than the specified maximums must be baked according to the baking
conditions listed below.
Moisture
Sensitivity
Level
Temp.
Maximum Percent Relative Humidity
50%
60%
70%
80%
90%
Level 3
35 ºC
8
5
1
0.5
0.5
Level 3
30 ºC
11
7
1
1
1
Level 3
25 ºC
14
10
2
1
1
Level 3
20 ºC
20
13
2
1
1
Baking Conditions
It is not necessary to bake all J Series 2835 LEDs. Only the LEDs that meet all of the following criteria must be baked:
1. LEDs that have been removed from the original MBP.
2. LEDs that have been exposed to a humid environment longer than listed in the Moisture Sensitivity section above.
3. LEDs that have not been soldered.
LEDs should be baked at 60 ºC for 24 hours. LEDs may be baked in the original reels. Remove LEDs from the MBP before baking. Do
not bake parts at temperatures higher than 60 ºC. This baking operation resets the exposure time as defined in the Moisture Sensitivity
section above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com