Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 21 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 21 Page - Cree, Inc

Back Button 2835LED Datasheet HTML 17Page - Cree, Inc 2835LED Datasheet HTML 18Page - Cree, Inc 2835LED Datasheet HTML 19Page - Cree, Inc 2835LED Datasheet HTML 20Page - Cree, Inc 2835LED Datasheet HTML 21Page - Cree, Inc 2835LED Datasheet HTML 22Page - Cree, Inc 2835LED Datasheet HTML 23Page - Cree, Inc 2835LED Datasheet HTML 24Page - Cree, Inc 2835LED Datasheet HTML 25Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
21
J SERIES™ 2835 LED
REFLOW SOLDERING CHARACTERISTICS
In testing, Cree Venture has found J Series 2835 LEDs to be compatible with JEDEC J‑STD‑020C, using the parameters listed below. As a
general guideline, Cree Venture recommends that users follow the recommended soldering profile provided by the manufacturer of the
solder paste used, and therefore it is the lamp or luminaire manufacturer’s responsibility to determine applicable soldering requirements.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
Lead-Free Solder
Temperature Min. (Ts
min)
150 °C
Temperature Max. (Ts
max)
200 °C
Time (ts) from Ts
min to Tsmax
60‑120 seconds
Ramp‑Up Rate (T
L to Tp)
3 °C/second
Liquidus Temperature (T
L)
217 °C
Time (t
L) Maintained Above TL
60‑150 seconds
Peak Package Body Temperature (Tp)
260 °C max.
Time (tp) Within 5 °C of the Specified Classification Temperature (Tc)
30 seconds max.
Ramp‑Down Rate (T
p to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
Note: All temperatures refer to the topside of the package, measured on the package body surface.
T
P
T
L
Time
t 25˚C to Peak
Preheat
ts
t
L
t
P
25
Ramp-down
Ramp-up
Critical Zone
T
L to TP
Ts
max
Ts
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com