Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 17 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 17 Page - Cree, Inc

Back Button 2835LED Datasheet HTML 13Page - Cree, Inc 2835LED Datasheet HTML 14Page - Cree, Inc 2835LED Datasheet HTML 15Page - Cree, Inc 2835LED Datasheet HTML 16Page - Cree, Inc 2835LED Datasheet HTML 17Page - Cree, Inc 2835LED Datasheet HTML 18Page - Cree, Inc 2835LED Datasheet HTML 19Page - Cree, Inc 2835LED Datasheet HTML 20Page - Cree, Inc 2835LED Datasheet HTML 21Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
17
J SERIES™ 2835 LED
PERFORMANCE GROUPS - CHROMATICITY - CONTINUED (T
j = 85 °C)
CCT
MacAdam Ellipse
Included Bins
Center Point
Major Axis
Minor Axis
Rotation Angle (°)
x
y
a
b
4000 K
3‑step
5GA, 5GB
0.3818
0.3797
0.00939
0.00402
53.72
5‑step
5GA, 5GB,
5EA, 5EB,
5EC, 5ED
0.3818
0.3797
0.01565
0.00670
53.72
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.36
0.37
0.38
0.39
0.40
0.41
CCx
5EB
5EC
5ED
5EA
ANSI 4000 K
5GA
5GB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com