Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 5 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 5 Page - Cree, Inc

  2835LED Datasheet HTML 1Page - Cree, Inc 2835LED Datasheet HTML 2Page - Cree, Inc 2835LED Datasheet HTML 3Page - Cree, Inc 2835LED Datasheet HTML 4Page - Cree, Inc 2835LED Datasheet HTML 5Page - Cree, Inc 2835LED Datasheet HTML 6Page - Cree, Inc 2835LED Datasheet HTML 7Page - Cree, Inc 2835LED Datasheet HTML 8Page - Cree, Inc 2835LED Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
5
J SERIES™ 2835 LED
Notes:
•
Cree Venture maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and
±2 on CRI measurements. See the Measurements section (page 22).
•
Cree Venture J Series 2835 LED order codes specify only a minimum flux bin and not a maximum. Cree Venture may ship reels in flux
bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity
restrictions specified by the order code.
◊
CRI R9 minimum is 0 for 80 CRI minimum LEDs and 50 for 90 CRI minimum LEDs, with a ±3 tolerance.
*
Flux values @ 85 °C are calculated and for reference only.
FLUX CHARACTERISTICS, ORDER CODES AND BINS - STANDARD (I
F = 150 mA, Tj = 25 °C)
The following table provides order codes for J Series 2835 Standard LEDs. For a complete description of the order code nomenclature,
please see the Order Code and Bin Code Formats section (page 3). For definitions of the chromaticity kits, please see the Performance
Groups ‑ Chromaticity section (page 12).
Nominal
CCT
Minimum
CRI◊
Flux
Group
Minimum
Flux (lm)
@ 25 °C
Typical
Flux (lm)
@ 25 °C
Typical
Flux (lm)
@ 85 °C*
Order Code
6500 K
70
H6
72
80
71
JE2835AWT‑00‑0000‑000A0BH665E
80
G9
69
76
67
JE2835AWT‑00‑0000‑000A0HG965E
90
F9
57
64
57
JE2835AWT‑00‑0000‑000A0UF965E
5700 K
70
H6
72
80
71
JE2835AWT‑00‑0000‑000A0BH657E
80
G9
69
76
67
JE2835AWT‑00‑0000‑000A0HG957E
90
F9
57
64
57
JE2835AWT‑00‑0000‑000A0UF957E
5000 K
70
H6
72
80
71
JE2835AWT‑00‑0000‑000A0BH650E
80
G9
69
76
67
JE2835AWT‑00‑0000‑000A0HG950E
90
F9
57
64
57
JE2835AWT‑00‑0000‑000A0UF950E
4500 K
70
H6
72
80
71
JE2835AWT‑00‑0000‑000A0BH645E
80
G9
69
76
67
JE2835AWT‑00‑0000‑000A0HG945E
90
F9
57
64
57
JE2835AWT‑00‑0000‑000A0UF945E
4000 K
70
H6
72
80
71
JE2835AWT‑00‑0000‑000A0BH640E
80
G9
69
76
67
JE2835AWT‑00‑0000‑000A0HG940E
90
F9
57
64
57
JE2835AWT‑00‑0000‑000A0UF940E
3500 K
70
G9
69
78
69
JE2835AWT‑00‑0000‑000A0BG935E
80
G8
66
74
66
JE2835AWT‑00‑0000‑000A0HG835E
90
F8
54
62
55
JE2835AWT‑00‑0000‑000A0UF835E
3000 K
70
G9
69
76
67
JE2835AWT‑00‑0000‑000A0BG930E
80
G8
66
72
64
JE2835AWT‑00‑0000‑000A0HG830E
90
F8
54
60
53
JE2835AWT‑00‑0000‑000A0UF830E
2700 K
70
G8
66
73
65
JE2835AWT‑00‑0000‑000A0BG827E
80
G7
63
69
61
JE2835AWT‑00‑0000‑000A0HG727E
90
F8
54
57
51
JE2835AWT‑00‑0000‑000A0UF827E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com