Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2835LED Datasheet(PDF) 6 Page - Cree, Inc

Part # 2835LED
Description  J Series??2835 LEDs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

2835LED Datasheet(HTML) 6 Page - Cree, Inc

Back Button 2835LED Datasheet HTML 2Page - Cree, Inc 2835LED Datasheet HTML 3Page - Cree, Inc 2835LED Datasheet HTML 4Page - Cree, Inc 2835LED Datasheet HTML 5Page - Cree, Inc 2835LED Datasheet HTML 6Page - Cree, Inc 2835LED Datasheet HTML 7Page - Cree, Inc 2835LED Datasheet HTML 8Page - Cree, Inc 2835LED Datasheet HTML 9Page - Cree, Inc 2835LED Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Copyright © 2017-2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks and J Series™ is a trademark
of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. J Series products are marketed by Cree, Inc. for the benefit of Cree Venture LED Company Limited.
6
J SERIES™ 2835 LED
Notes:
•
Cree Venture maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and
±2 on CRI measurements. See the Measurements section (page 22).
•
Cree Venture J Series 2835 LED order codes specify only a minimum flux bin and not a maximum. Cree Venture may ship reels in flux
bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity
restrictions specified by the order code.
◊
CRI R9 minimum is 0 for 80 CRI minimum LEDs, 50 for 90 CRI minimum LEDs, and 80 for 95 CRI minimum LEDs, with a ±3 tolerance.
*
Flux values @ 85 °C are calculated and for reference only.
FLUX CHARACTERISTICS, ORDER CODES AND BINS - FIDELITY (I
F = 150 mA, Tj = 25 °C)
The following table provides order codes for J Series 2835 Fidelity LEDs. For a complete description of the order code nomenclature,
please see the Order Code and Bin Code Formats section (page 3). For definitions of the chromaticity kits, please see the Performance
Groups ‑ Chromaticity section (page 12).
Nominal
CCT
Minimum
CRI◊
Flux
Group
Minimum
Flux (lm)
@ 25 °C
Typical
Flux (lm)
@ 25 °C
Typical
Flux (lm)
@ 85 °C*
Order Code
5000 K
95
F9
57
60
53
JE2835AWT‑00‑0000‑000A0ZF950E
4000 K
95
F9
57
60
53
JE2835AWT‑00‑0000‑000A0ZF940E
3500 K
95
F8
54
57.5
51
JE2835AWT‑00‑0000‑000A0ZF835E
3000 K
95
F7
51
55
49
JE2835AWT‑00‑0000‑000A0ZF730E
2700 K
95
F6
48
50
44
JE2835AWT‑00‑0000‑000A0ZF627E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com