Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 18 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 18 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 14Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 22Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Unmatched usability
The MSO/DPO70000 Series instruments excel in usability with a suite of
productivity features, such as a touch screen, flat menu structures, intuitive
graphical icons, knob-per-channel vertical controls, right clicks, mouse
wheel operation, and familiar Windows-based controls.
Remote Desktop
When your oscilloscope is connected to a network, use the Windows®
Remote Desktop utility to access your oscilloscope from across the lab or
across the globe.
MyScope® – Create your own control windows
Easily create your own personalized "toolbox" of oscilloscope features in a
matter of minutes using a simple, visual, drag-and-drop process. Once
created, these custom control windows are easily accessed through a
dedicated MyScope® button and menu selection on the oscilloscope
button/menu bar, just like any other control window. You can make an
unlimited number of custom control windows, enabling each person who
uses the oscilloscope in a shared environment to have their own unique
control window. MyScope® control windows will benefit all oscilloscope
users, eliminating the ramp-up time that many face when returning to the
lab after not using an oscilloscope for a while, and enables the power user
to be far more efficient. Everything you need is found in one control window
rather than navigating through multiple menus to repeat similar tasks.
Option asset management: floating or fixed
Many Tektronix application solutions and hardware options are enabled
with an encrypted license key that is entered through the oscilloscope's
Utilities menu. You now have two options. The first option is a fixed license
applied to a specific scope serial number and is permanently enabled. A
fixed license cannot be moved from one oscilloscope to another.
The second option is a floating license. Floating licenses provide the
capability to move a license-key enabled option from one oscilloscope to
another. This capability helps users with distributed teams and several
Tektronix MSO/DPO70000, or DPO7000, and MSO/DPO5000 Series
oscilloscopes to better manage their assets and deploy applications or
other options such as extended memory to the oscilloscope where it is
needed.
This view in the floating license system identifies the license's current user and location
allowing you to easily manage your floating license inventory.
Managing and deploying floating licenses uses an easy online licensing
management system. All floating license management functions are
maintained on Tektronix secure servers and no infrastructure or your
company IT department involvement is necessary. Simply utilize your
myTek account to access, track, and deploy your oscilloscope floating-
license enabled options.
Performance you can count on
Depend on Tektronix® to provide you with performance you can count on.
All Tektronix® products are backed with industry-leading service and
support.
Datasheet
18 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com