Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 43 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 43 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 38Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 39Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 40Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 41Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 42Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 43Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 44Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 45Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 46Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Recommended accessories
Probes
DPO7OE1
33 GHz optical probe
DPO7OE2
59 GHz optical probe
P7633
33 GHz Low Noise TriMode™ Probe
P7630
30 GHz Low Noise TriMode™ Probe
P7625
25 GHz Low Noise TriMode™ Probe
P7720
20 GHz TriMode Probe
P7716
16 GHz TriMode Probe
P7713
13 GHz TriMode Probe
P7708
8 GHz TriMode Probe
P7520A
25 GHz TriMode™ probe
P7516
16 GHz TriMode™ probe
P7513A
13 GHz TriMode™ differential probe
P7313SMA
13 GHz TriMode™ differential SMA probe
P7508
8 GHz TriMode™ probe
P7506
6 GHz TriMode™ probe
P7504
4 GHz TriMode™ probe
P6780
Differential Input Logic probe
P6750
D-Max® Technology Logic Probe
P6717A
General-purpose Logic probe
P6251
DC to 1 GHz, 42 V, differential probe (requires TCA-BNC adapter)
TCPA300/TCPA400 Series
Current measurement systems
P5200A/P5205A/P5210A
High-voltage differential probes
P77DESKEW
P7700 Probe Deskew Fixture for SMA, solder-down, and browser connections
067-2431-xx
Probe Deskew Fixture for SMA or solder-down connections (up to 30 GHz)
067-0484-xx
Analog Probe Calibration and Deskew Fixture (4 GHz)
067-1586-xx
Analog Probe Deskew Fixture (>4 GHz)
067-1686-xx
Power Deskew Fixture
Adapters
TCA-1MEG
TekConnect® high-impedance buffer amplifier. Includes P6139B passive probe
TCA-292MM
TekConnect® to 2.92 mm adapter (20 GHz bandwidth)
TCA-292D
TekConnect® to 2.92 mm adapter (33 GHz bandwidth)
TCA-BNC
TekConnect® to BNC adapter
TCA-N
TekConnect® to N adapter
TCA-SMA
TekConnect® to SMA adapter
TCA-VPI50
50 Ω TekVPI to TekConnect adapter
TCA75
23 GHz precision TekConnect® 75 Ω to 50 Ω adapter with 75 Ω BNC input connector
Cables
DPOACQSYNC
Multi-scope synchronization kit (includes fast edge source, cables, power splitters, carrying case)
012-0991-xx
GPIB Cable (1 m)
012-0991-xx
GPIB Cable (2 m)
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
www.tek.com 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com