Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 36 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 36 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 32Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 33Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 34Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 35Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 36Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 37Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 38Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 39Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 40Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Floating license options
Floating licenses offer an alternative method to manage your Tektronix asset. Floating licenses allow license-key enabled options
to be easily moved among all your MSO/DPO70000, DPO7000, and MSO/DPO5000 Series oscilloscopes. Floating licenses are
available for the license-key enabled options listed below.
Check www.tek.com/products/oscilloscopes/floating-licenses for additional information about floating license options.
Option
Description
DPOFL-10G-KR
License, floating; 10GBASE-KR/KR4 Compliance and Debug Solution (requires Option DJA and Option
SR-CUST; for models of bandwidth ≥16 GHz only)
DPOFL-100G-TXE
License, floating; IEEE-802.3bm: CAUI4 and IEEE-802.3bj: KR4/CR4 100 Gbps Transmitter Compliance
(requires Option DJA)
DPOFL-40G-CR4
License, floating; 40GBASE-CR4 Debug and Automated Compliance Solution
DPOFL-400G-TXE
License, floating; 400G Electrical Transmitter Compliance (requires Options DJA, DJAN, PAM4, and
SDLA64)
DPOFL-BRR
License, floating; BroadR-Reach/100BASE-T1 and 1000BASE-T1 Automated Compliance Solution
DPOFL-C-PHY
License, floating; MIPI® C-PHY Essentials Transmitter Solution (requires Option DJA)
DPOFL-C-PHYTX
License, floating; MIPI® C-PHY TekExpress 3.0 Automation Software for Transmitter (requires Option
DJA)
DPOFL-D-PHY
License, floating; MIPI® D-PHY Transmitter Debug, Characterization and Compliance Test Solution
(requires Option DJA)
DPOFL-DDR-LP4
License, floating; LPDDR4 Memory Bus Electrical Validation and Analysis Oscilloscope Software
DPOFL-DDRA
License, floating; DDR Memory Technology Analysis Package (requires Option DJA)
DPOFL-DJA
License, floating; Advanced Jitter Analysis for use with TekScope Anywhere; DPO/DSA/MSO70000C/D/
DX; DPO7000C or DPO/MSO5000 Oscilloscopes (DPOJET)
DPOFL-DJAN
License, floating; DPOJET Noise, Jitter and Eye Analysis Tools
DPOFL-DP12
License, floating; DisplayPort 1.2 Test Automation Software
DPOFL-DP14
License, floating; DisplayPort 1.4 Source Test Automation Software
DPOFL-DSA
License, floating; MSO Digital Serial Analysis Bundle
DPOFL-DSPT
License, floating; DisplayPort Transmitter Compliance Test Software
DPOFL-EDP
License, floating; Embedded Display Port Essentials
DPOFL-EDP14
License, floating; Embedded Display Port 1.4 Essentials
DPOFL-ERRDT
License, floating; Frame and Bit Error Rate Detector for High-speed Serial Standards (requires Option
ST6G)
DPOFL-ET3
License, floating; Ethernet Compliance Testing (requires Ethernet Test Fixture)
DPOFL-FC-16G
License, floating; Fiber Channel - 16G DPOJET Essentials
DPOFL-HDM
License, floating; Advanced Analysis and Compliance Software for HDMI 2.0 TX
DPOFL-HDM-DS
License, floating; Advanced Analysis and Compliance Software for HDMI 2.0 RX
DPOFL-HDM-DSM
License, floating; HDMI 2.0 Advanced Analysis and Characterization Software for RX Tests
DPOFL-HSIC
License, floating; HSIC Essentials - Electrical Validation and Protocol Decode Solution (optionally requires
Option DJA for measurements)
DPOFL-HT3
License, floating; Floating license; HDMI Compliance Testing
DPOFL-HT3DS
License, floating; HDMI Direct Synthesis for HDMI 1.4 (requires Option HT3)
DPOFL-LT
License, floating; Waveform Limit Testing
DPOFL-M-PHY
License, floating; MIPI® M-PHY Essentials
DPOFL-M-PHYRX
License, floating; M-PHY Automated Receiver Solution (requires Option ST6G and Option ERRDT)
DPOFL-M-PHYTX
License, floating; M-PHY Automated Transmitter Solution (requires Option DJA)
DPOFL-MHD
License, floating; Advanced Analysis and Compliance software for MHL
DPOFL-MOST
License, floating; MOST Essentials (requires Option DJA)
DPOFL-MTH
License, floating; Mask Testing with Hardware Clock Recovery
DPOFL-MTM
License, floating; Communication Mask Testing
Datasheet
36 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com