Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 24 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 24 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 22Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 23Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 24Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 25Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 26Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 27Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 28Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Clock recovery system
DPO Models
Requires Option ST6G or Option MTH
MSO Models
Standard
Clock recovery phase locked loop
bandwidth
Fixed at FBaud/1600
Clock recovery jitter (RMS)
<0.25% bit period + 2 psRMS for PRBS data patterns
<0.25% bit period + 1.5 psRMS for repeating "0011” data pattern
Minimum signal amplitude needed
for clock recovery
1 divp-p up to 1.25 Gbaud
1.5 divp-p above 1.25 Gbaud
Tracking/Acquisition range
±2% of requested baud
Clock recovery frequency range
1.5 MBaud to 3.125 GBaud. Recovered clock and regenerated data available for use with a BERT.
Serial pattern trigger
DPO Models
Requires Option ST6G
MSO Models
Standard
NRZ-Encoded Data
Up to 64 bit serial word recognizer, bits specified in binary (high, low, don't care) or hex format
Trigger on NRZ-encoded data up to 1.25 GBaud
8b/10b-Encoded Data
Trigger on 8b/10b-encoded data at the following rates: 1.25 to 1.65, 2.1 to 3.2, 3.8 to 5.1, and 5.4 to 6.25 GBaud.
Pattern length up to 40 bits (1 to 4 valid 10-bit characters)
Alignment character is K28.5 (either disparity)
Communications-related triggers
Support for AMI, HDB3, BnZS, CMI, MLT3, and NRZ encoded communications signals. Select among isolated positive or negative
one, zero pulse form, or eye patterns as applicable to the standard.
DPO Models
Requires Option MTH
MSO Models
Standard
Bus triggers maximum toggle rate I2C, SPI, RS-232/422/485/UART: 10 Mb/s
USB: low-speed, full-speed
CAN: 1 Mb/s
LIN: 100 kb/s
MIL-STD-1553B: 2 Mb/s
Logic pattern trigger (MSO
Models)
Threshold range
P6780: –2 to +4.5 V
P6717A/P6750: –1.5 to +4 V
Threshold accuracy
±100 mV + 3% of threshold setting
Enhanced triggering
Enhanced triggering corrects the difference in timing between the trigger path and the acquired data path (supports all Pinpoint
trigger types on both A- and B-Events except pattern trigger); Default On (user-selectable); Not available in FastAcq mode.
Line trigger
Trigger on power line signal. Level fixed at 0 V.
Datasheet
Pinpoint® trigger system
24 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com