Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 39 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 39 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 35Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 36Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 37Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 38Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 39Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 40Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 41Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 42Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 43Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Upgrade options
The MSO/DPO70000 Series instruments can be easily upgraded after initial time of purchase. To upgrade an existing MSO/
DPO70000, order DPO-UP and an option listed below. For example, to add option DDRA, DDR Memory Technology Analysis
Package, order DPO-UP DDRA.
Memory upgrades for DPO70000
Series
XL02
From standard record length to Opt. 2XL Configuration
XL05
From standard record length to Opt. 5XL Configuration
XL010
From standard record length to Opt. 10XL Configuration
XL020
From standard record length to Opt. 20XL Configuration
Memory upgrades for MSO/
DPO70000 Series
XL25
From Opt. 2XL record length to Opt. 5XL
XL210
From Opt. 2XL record length to Opt. 10XL
XL220
From Opt. 2XL record length to Opt. 20XL
XL250
From Opt. 2XL record length to Opt. 50XL
XL510
From Opt. 5XL record length to Opt. 10XL
XL520
From Opt. 5XL record length to Opt. 20XL
XL550
From Opt. 5XL record length to Opt. 50XL
XL1020
From Opt. 10XL record length to Opt. 20XL
XL1050
From Opt. 10XL record length to Opt. 50XL
XL2050
From Opt. 20XL record length to Opt. 50XL
Trigger and search upgrades for
MSO/DPO70000 Series
LT
Waveform Limit Testing
MTH
Mask Testing, Includes Hardware Clock Recovery
ST6G
8b/10b Serial Protocol Trigger and Decode up to 6.25Gb/s
STU
Serial Pattern triggering up to 6.25Gb/s (Requires Opt. PTH)
Advanced analysis upgrades for
MSO/DPO70000 Series
BRR
BroadR-Reach/100BASE-T1 and 1000BASE-T1 Automated Compliance Solution
C-PHY
Manual C-PHY Essentials Transmitter Solution
D-PHY
MIPI® D-PHY ESSENTIALS
DDR-LP4
LPDDR4 Memory Bus Electrical Validation and Analysis Oscilloscope Software (Requires Option DJA, ASM and DDRA)
DDRA
DDR Memory Bus Analysis (Requires DJA)
DJAH
Jitter and Eye Analysis Tools - Advanced (DPOJET) for 70k Series <12 GHz
DJAN
DPOJET Noise and BER Analysis
DJAU
Jitter and Eye Analysis Tools - Advanced (DPOJET) for 70k Series >12 GHz
DP12
DisplayPort 1.2 Source Test Automation Software
DP14
DisplayPort 1.4 Source Test Automation Software
DSAH
Digital Serial Analysis Bundle for 4GHz to 8GHz Models (Includes 5XL, DJA, MTH, ST6G)
DSAU
Digital Serial Analysis Bundle for 12.5GHz to 20GHz Models (Includes 5XL, DJA, MTH, ST6G)
DSAX
Digital Serial Analysis Bundle for DPO70KDX Models (Includes 5XL, DJA, MTH, ST6G)
EDP
Embedded Display Port Essentials
EDP14
Embedded Display Port 1.4 Essentials
ERRDTH
Frame and Bit Error Rate Detector for High Speed Serial Stds for 70k Series <12 GHz (Requires option ST6G)
ERRDTU
Frame and Bit Error Rate Detector for High Speed Serial Stds for 70k Series >12 GHz (Requires option ST6G)
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
www.tek.com 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com