Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 17 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 17 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 13Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 14Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 15Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 16Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
DPO7OE1 33 GHz Optical Probe
Production testing
In addition to assisting engineers with design tasks, the MSO/DPO70000
Series allow test engineers to test analog and digital signals with a wide
range of clock speeds and data rates. Rackmount options are available for
mounting the MSO/DPO70000 Series into an EIA standard 19 inch
(487 mm) rack. An IEEE 488.2 standard GPIB interface is standard on all
models.
LXI Class C
Using the LXI Web Interface, you can connect to the MSO/DPO70000
Series through a standard web browser by simply entering the
oscilloscope’s IP address in the address bar of the browser. The web
interface enables viewing of instrument status and configuration, as well as
status and modification of network settings. All web interaction conforms to
the LXI Class C specification.
OpenChoice® analysis tools
The OpenChoice® Software allows you to customize your test and
measurement system with familiar analysis tools. The analysis and
networking features of the OpenChoice® software add more flexibility to
Tektronix MSO/DPO70000 Series oscilloscopes: Using the fast embedded
bus, waveform data can be moved directly from acquisition to analysis
applications on the Windows® desktop at much faster speeds than
conventional GPIB transfers.
Implementation by Tektronix of industry-standard protocols, such as
TekVISA™ interface and ActiveX controls, are included for using and
enhancing Windows® applications for data analysis and documentation. IVI
instrument drivers are included to enable easy communication with the
oscilloscope using GPIB, RS-232, and LAN connections from programs
running on the instrument or an external PC.
The Application Development Kit (ADK) extends the OpenChoice®
framework to support custom end-user and third-party application
development. ADK documentation describes how to implement the Data
Store Public Interface to speed internal transfer of waveform data through
user-created data processing algorithms and display the results in real time
on the oscilloscope screen. The Data Store Public Interface is >2X faster
than traditional GPIB-based data transfer techniques. The Data Store
Public Interface is accessible through MathWorks MATLAB® or .NET
languages such as C# or Visual Basic. Other features of the ADK include a
DPOJET plug-in that enables users to add custom measurements to this
market-leading timing and jitter analysis tool. The ADK provides
comprehensive documentation and coding examples to aid the user in
developing their own unique analysis tool kit to quickly capture and analyze
their signals.
Research
With industry-leading acquisition speed and signal-to-noise ratio
performance, the MSO/DPO70000 Series can provide researchers with
tools that allow them to capture, display, and analyze high-speed and
transient signals with unmatched precision.
Full control of acquisition and display parameters
You have full control of the instrument's acquisition modes. Choose the
mode you need to do your job the fastest: Automatic, Constant Sample
Rate, or Manual settings. When you are doing signal exploration and want
a lively signal, the default Automatic mode provides you with the liveliest
display update rate. If you want the highest real-time sample rate that will
give you the most measurement accuracy, then the Constant Sample Rate
mode is for you. It will maintain the highest sample rate and provide the
best real-time resolution. Finally, the Manual mode ensures direct and
independent control of the sample rate and record length for applications
requiring specific settings.
Document tools
The OpenChoice® architecture provides a comprehensive software
infrastructure for faster, more versatile operations. Data transfer utilities,
such as the Excel or Word toolbar plug-ins can be used to simplify analysis
and documentation on the Windows® desktop or on an external PC.
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
www.tek.com 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com