Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 29 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 29 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 25Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 26Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 27Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 28Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 29Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 30Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 31Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 32Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 33Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Computer system and peripherals
Operating system
Microsoft Windows 10 Enterprise IoT Edition
CPU
Intel i7-2600 processor, quad core, 3.4 GHz
System memory
8 GB (16 GB on DX models)
Solid state drive
Removable, 512 GB capacity
CD/DVD drive
Front-panel CD-R/W, DVD-R drive
Mouse
Optical wheel mouse, USB interface
Keyboard
USB interface
Input/Output ports
Auxiliary input
Front panel. See trigger specifications
Auxiliary output
Rear panel. BNC connector, 0 to 3 V; default output is A-Event Trigger low true
Probe calibration output
Front panel. BNC connector, ±10 V DC for DC probe calibration (signal available only during probe calibration)
Fast edge output
Front panel. SMA connector provides fast edge signal. 1 kHz ±20%; 810 mV (base to top) ±20% into ≥10 kΩ load; 440 mV ±20%
into a 50 Ω load
Recovered clock output
Front panel. SMA connector, ≤1.25 Gb/s, Output swing ≥130 mVp-p into 50 Ω at 1.25 Gb/s. Requires Option ST6G or Option MTH
to enable on DPO70000 Series, standard on MSO70000 Series
Recovered data output
Front panel. SMA connector, ≤1.25 Gb/s, Output swing of 1010 repeating pattern 200 mV into 50 Ω at 1.25 Gb/s. Requires Option
ST6G or Option MTH to enable on DPO70000 Series, standard on MSO70000 Series
USB interface
Front panel: Two USB 2.0 ports on 23, 25, and 33 GHz models, one on all others. Allows connection of USB keyboard, mouse, or
storage device
Rear panel: Four USB ports, two are USB 3.0. Allows connection of USB keyboard, mouse, or storage devices
LXI web interface (LAN eXtensions
for instrumentation)
Class: LXI Class C Version: 1.3
Audio input/output
Rear panel. Miniature phone jacks for stereo microphone input and stereo line output
External time base reference in
Rear panel. BNC connector; allows time base system to phase lock to external 10/100 MHz reference. Optimized (by using a
software switch) for either a highly stable clock or tracking mode
GPIB interface
Rear panel. IEEE 488.2 standard
Keyboard port
Rear panel. PS/2 compatible
LAN port
Rear panel. RJ-45 connector, supports 10BASE-T, 100BASE-T, and 1000BASE-T
Mouse port
Rear panel. PS/2 compatible
eSATA port
Rear panel. External SATA interface for eSATA storage devices
Power
100 to 240 VRMS, ±10%, 50/60 Hz; 115 VRMS ±10%, <870 W, 400 Hz; CAT II, <1100 VA typical
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
www.tek.com 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com