Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 21 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 21 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 17Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 18Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 19Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 20Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 21Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 22Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 23Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 24Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Input sensitivity range
23 GHz, 25 GHz, and 33 GHz
models
6.25 mV/div to 600 mV/div (62.5 mV to 6 V full scale)
20 GHz models
20 to 500 mV/div (200 mV to 5 V full scale)
10 mV/div at 18 GHz (100 mV full scale)
All other models
10 mV/div to 500 mV/div (100 mV to 5 V full scale)
Maximum input voltage, 50 Ω
Also determined by TekConnect® accessory.
23 GHz, 25 GHz, and 33 GHz
models
≤1.2 VFS: ±1.5 V relative to the termination bias (30 mA maximum), ±5 V absolute maximum input.
>1.2 VFS: 8.0 V.
All other models
<5.0 VRMS for ≥100 mV/div; 1.0 VRMS for <100 mV/div
Termination voltage range
23 GHz, 25 GHz, and 33 GHz
models
≤1.2 VFS: -3.5 V to +3.5 V
>1.2 VFS: 0 V.
All other models
0 V only
Offset accuracy
10 mV/div to 99.5 mV/div
±(0.35% (offset value-position) + 1.5 mV + 1% of full scale)
100 mV/div to 500 mV/div
±(0.35% (offset value-position) + 7.5 mV + 1% of full scale)
Offset range
23 GHz, 25 GHz, and 33 GHz
models
+3.4 V to ‒3.4 V
All other models
10 mV/div: ±450 mV
20 mV/div: ±400 mV
50 mV/div: ±250 mV
100 mV/div: ±2.0 V
200 mV/div: ±1.5 V
500 mV/div: ±0.0 V
Passband flatness (20, 50, 100,
250 mV/div) (typical)
±0.5 dB to 50% of nominal bandwidth
Position range
±5 div
Vertical resolution
8 bit (11 bit with averaging)
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
Vertical system – Analog channels
www.tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com