Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 28 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 28 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 24Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 25Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 26Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 27Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 28Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 29Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 30Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 31Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 32Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Bus decoding
Parallel
Data from selected channels is grouped as a parallel, multichannel bus and displayed as a single bus value. Display can be binary,
hexadecimal, or symbolic formats
I2C 2
SCLK and SDA channels are displayed as a bus per the Inter-Integrated Circuit specification
SPI 2
MOSI, MISO, SCLK, and SS channels are displayed as a bus per the Serial Peripheral Interface specification
CAN 3
CAN_H, CAN_L, TX, or RX channels are displayed as a bus
LIN 3
Data is displayed as a bus in accordance with the LIN Version 1 or Version 2 standards
FlexRay 3
BP, BM, TX, or RX signals are displayed as a bus
HSIC 3
Data is displayed as a bus according to the USB2.0 HSIC standard
RS-232/422/485/UART 3
Channel is displayed as a bus
USB 3
Channels are displayed as a bus per the USB specification
MIL-STD-1553B 3
Data is displayed as a bus
PCI Express 3
Gen 1, 2, or 3 data rates are automatically detected and displayed as a bus in accordance with the PCIe standard
MIPI® D-PHY 3
DSI or CSI2 channels are displayed as a bus per the MIPI standard
8b/10b Encoded 2
Control and data characters are displayed as a bus
Waveform processing/math
Algebraic expressions
Define extensive algebraic expressions including Waveforms, Scalars, User-adjustable Variables, and Results of Parametric
Measurements e.g. (Integral (CH1 ‒ Mean(CH1)) × 1.414 × VAR1)
Arithmetic
Add, Subtract, Multiply, Divide Waveforms and Scalars
Filtering function
User-definable filters. Users specify a file containing the coefficients of the filter. Several example filter files are provided
Frequency domain functions
Spectral Magnitude and Phase, Real and Imaginary Spectra
Mask function
Generates a Waveform Database pixel map from a sample waveform. Sample count can be defined
Math functions
Average, Invert, Integrate, Differentiate, Square Root, Exponential, Log 10, Log e, Abs, Ceiling, Floor, Min, Max, Sin, Cos, Tan,
ASin, ACos, ATan, Sinh, Cosh, Tanh
Relational
Boolean result of comparison >, <, ≥, ≤, ==, !=
Vertical units
Magnitude: Linear, dB, dBm Phase: Degrees, radians, group delay IRE and mV units
Window functions
Rectangular, Hamming, Hanning, Kaiser-Bessel, Blackman-Harris, Gaussian, Flattop2, Tek Exponential
Customized Functions using
Math Plug-in Interface
An interface is provided to allow users to create their own custom math functions in MATLAB or Visual Studio
Display system
Color palettes
Normal, Green, Gray, Temperature, Spectral, and User-defined
Format
YT, XY, XYZ
Display resolution
1024 horizontal × 768 vertical pixels (XGA)
Display type
307.3 mm (12.1 in.) liquid-crystal active-matrix color display
Horizontal divisions
10
Vertical divisions
10
Waveform styles
Vectors, Dots, Variable Persistence, Infinite Persistence
Datasheet
Waveform analysis
28 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com