Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 3 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 3 Page - TEKTRONIX, INC.

  TDSUSBF Datasheet HTML 1Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 2Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 3Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 4Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 5Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 6Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 7Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 8Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Unmatched acquisition and signal-to-noise
performance
The superior signal integrity and excellent signal-to-noise ratio of the MSO/
DPO70000 Series ensures confidence in your measurement results.
Up to 33 GHz, matched across 4 channels
Bandwidth enhancement eliminates imperfections in frequency
response all the way to the probe tip. User-selectable filters for each
channel provide magnitude and phase correction for more accurate
representation of extremely fast signals. In addition, only Tektronix
allows the user to disable the bandwidth enhancement for applications
needing the highest measurement throughput.
Simultaneous high sample rate on all channels captures more signal
details (transients, imperfections, fast edges)
100 GS/s on 2 channels and 50 GS/s on all analog channels for
the 12.5 through 33 GHz models
25 GS/s on all analog channels for the 4, 6, and 8 GHz models
12.5 GS/s on all logic channels in the MSO70000 Series
Low jitter noise floor and high vertical accuracy provide additional
margin in your measurements
Long record length provides high resolution and extended-duration
waveform capture
Standard 31 MS per channel on the DPO70000 Series and 62 MS
on the MSO70000 Series
Optional up to 125 MS on all four channels (4, 6, and 8 GHz
models) and 250 MS (12.5 through 20 GHz models) on all four
channels; up to 500 MS on four channels/1 GS on two channels for
23, 25, and 33 GHz models.
On the MSO70000 Series, the record length of logic channels
matches the analog record lengths for uncompromised analog and
digital acquisition
MultiView Zoom helps you manage long records, compare and
analyze multiple waveform segments
With high signal-to-noise ratio and low internal noise floor, the MSO/
DPO70000 Series enable you to perform precise characterization
measurements. When debugging a DUT, a low noise floor and
maximum signal fidelity of the measurement instrument allows you to
find the smallest anomalies affecting the DUT's performance. For RF
signals, a lower noise floor translates into a higher dynamic range,
opening the MSO/DPO70000 Series to a wider range of applications.
Widest range of probing solutions
Whether you need to measure 8 Gb/s serial data, fast digital logic, or
switching currents from your new power supply design, Tektronix offers a
vast array of probing solutions, including active single-ended, differential,
logic, high voltage, current, optical, and a wide range of probe and
oscilloscope accessories.
P7633 Low Noise TriMode probes simplify complex measurement setups.
P6780 Differential Logic probes provide high-bandwidth connections for up to 16 digital
signals.
Digital and Mixed Signal Oscilloscopes – MSO/DPO70000 Series
www.tek.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com