Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSUSBF Datasheet(PDF) 42 Page - TEKTRONIX, INC.

Part # TDSUSBF
Description  Digital and Mixed Signal Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TDSUSBF Datasheet(HTML) 42 Page - TEKTRONIX, INC.

Back Button TDSUSBF Datasheet HTML 38Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 39Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 40Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 41Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 42Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 43Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 44Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 45Page - TEKTRONIX, INC. TDSUSBF Datasheet HTML 46Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Language options
Opt. L0
English manual
Opt. L1
French manual
Opt. L3
German manual
Opt. L5
Japanese manual
Opt. L7
Simplified Chinese manual
Opt. L8
Traditional Chinese manual
Opt. L9
Korean manual
Opt. L10
Russian manual
Opt. L99
No manual
Power plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 50/60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Service options
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. G3
Complete Care 3 Years (includes loaner, scheduled calibration, and more)
Opt. G5
Complete Care 5 Years (includes loaner, scheduled calibration, and more)
Opt. IF
Upgrade Installation Service
Opt. R3
Repair Service 3 Years (including warranty)
Opt. R5
Repair Service 5 Years (including warranty)
Datasheet
42 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com