Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  PWM5031 Datasheet HTML 1Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 2Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 3Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 4Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 5Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 6Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 7Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 8Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
SCD5031 Rev B
Pr
el
im
in
ar
y
Error Amp Section
Input Offset Voltage
Note 2
-
-
3.3
mV
Input Common Mode Voltage Range
Note 2
VEE +0.2
-
VCC -0.2
V
Input Bias Current
Note 2
-
-
-1.0
µA
Open Loop Voltage Gain (AVOL)
Note 2
100
-
-
dB
Unity Gain Bandwidth
Note 2
1.0
2.0
-
MHz
Power Supply Rejection Ratio (PSRR)
Note 2
60
-
-
dB
Output Sink Current
VFB = 3.0V, VSOFT = 1.1V
-
-
+62
mA
Output Source Current
VFB = 2.0V, VSOFT = 5V
-
-
-40
mA
VOUT High (Limited by VSOFT)VFB = 2.0V, RL = 15K to GND
VSOFT -
0.2
--
V
VOUT Low
VFB = 3.0V, RL = 15K to +5V
-
-
VEE +0.2
V
Current Sense Section
Input Offset Voltage
Note 2
-
-
3.3
mV
Common Mode Input Voltage
VSOFT = 5V, Note 2 & 3
0.1
-
1.0
V
Input Bias Current
Note 2
-
-
1.0
µA
ISENSE to Output Delay
-
80
100
ns
Output Section
Output Low Level
ISINK = 1.0mA
--
0.1
V
ISINK = 50mApk
-
-
0.3
V
Output High Level
ISOURCE = 1.0mA, DRVP = 5V
4.9
-
-
V
ISOURCE = 50mApk, DRVP = 5V
4.7
-
-
V
Peak Output Current
-
±1.35
-
A
Steady State Output Current
-
50
-
mA
Rise Time
TA = 25°C, CL = 1.0nF
-8.0
-
ns
Fall Time
TA = 25°C, CL = 1.0nF
-
6.0
-
ns
ELECTRICAL CHARACTERISTICS con’t
4.5 V < Vcc < 5.5V, -55°C < TA < +125°C, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com