Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 7Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 8Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 11Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 12Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 13Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 14Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
SCD5031 Rev B
Pre
lim
in
ar
y
FIGURE 6 – Current Sense Circuit
Error
1.4V
1V
Current
Comparators
2R
R
Amp
2
10
8
12
11
VSOFT
2.5V
VFB
COMP
CURRENT
SENSE
GND
RS
R
C
IS
Sense
S
R
Q
Q
Peak Current (Is) is determined by the formula:
A small RC filter may be required to suppress switch transients
I
S
MAX
1.0V
R
S
------------
=
or
I
S
MAX
V
SOFT
1.4
–
3R
S
--------------------------------
=
FIGURE 7 – Error Frequency Amplifier Open-Loop Response
at +125°C & -55°C
Gain
Frequency Hz
dB
120
80
40
0
-40
10
100
1K
10K
100K
1M
10M
1
+125°C
-55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com