Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 2Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 3Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 4Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 5Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 6Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 7Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 8Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
SCD5031 Rev B
Pr
el
im
in
ar
y
Auxiliary Amp Section
Input Offset Voltage
-
-
3.5
mV
Input Common Mode Voltage Range
Off VEE or VCC Rail, Note 2
VEE +0.2
-
VCC -0.2
V
Input Bias Current
Note 2
-
-
1.0
µA
AVOL
f = 40KHz, 2V < VO < 4V, Note 2
100
-
-
dB
Unity Gain Bandwidth
Note 2
1.0
-
-
MHz
PSRR
4.5V < VCC < 5.5V, Note 2
60
70
-
dB
Output Sink Current
VPIN < VNIN, ENAUX = Hi
-
-
+80
mA
Output Source Current
VPIN > VNIN, ENAUX = Hi
-
-
-50
mA
VOUT High
VPIN > VNIN, ENAUX = Hi
VCC -0.2
-
-
V
VOUT Low
VPIN < VNIN, ENAUX = Hi
-
-
VEE +0.2
V
Under-Voltage Lockout Section
Start Threshold
4.0
4.1
4.25
V
Operating Voltage After Turn On, Min.
3.4
3.5
3.65
V
Digital Inputs
VIL
Logic Low
-
-
0.8
V
VIH
Logic High
2.0
-
-
V
Leakage Current - IIN
--
100
nA
Digital Ouput (PWROK)
VOL
Logic low at 1.6mA
-
-
VEE +0.3
V
VOH
Logic high at -1.6mA
VCC -0.6
-
-
V
Note 2. Parameters are guaranteed by design, not tested.
Note 3. Parameter measured at trip point of latch with VFB = 0.
ELECTRICAL CHARACTERISTICS con’t
4.5 V < Vcc < 5.5V, -55°C < TA < +125°C, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com