Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 11Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 12Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 13Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 14Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 15Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 16Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
SCD5031 Rev B
Pre
lim
in
ar
y
This feedback can be accomplished in a number of different ways: pulse transformers, optocouplers, or capacitive
coupling are a few methods. The compensation network may need modification depending on the feedback method
chosen. The additional winding and rectifier on T1 are used to reset the transformer core after the PWM latches off M1
to prevent staircase saturation of the core.
Note the chip is powered directly from the main power bus (via a zener and current limit resistor) without the need for
additional bootstrap transformer windings. This is one of the main advantages this PWM chip provides over other
products. This scheme could not be implemented with other chips which draw significantly more current. On the other
hand, supplying bias to our PWM chip is about as simple as it gets.
5V to 1.8V Synchronous Buck Converter
A second application is a secondary side, non-isolated synchronous buck converter. The circuit takes a high voltage (5V
in this case) and steps down to a lower voltage (5V to 1.8V in this example, although as pointed out above, these values
are completely adjustable with proper component selection). The distinguishing feature of this implementation is the
synchronous rectification scheme used to replace the standard Schottky rectifiers for more efficient power conversion of
low voltage outputs.
FIGURE 11 – Buck Converter
The circuit switches M1 twice per cycle, chopping the 5VDC input into a fixed frequency pulse train whose DC average
is the desired output voltage. The LC filter then simply smoothes this pulse train to produce a clean DC output. The
control loop regulates against operating point perturbations (temperature, line, load) by adjusting M1's duty cycle. The
circuit is operated in the voltage mode since switch current is not referenced to circuit ground. Alternatively, a current
transformer may be used to properly reference the ISENSE signal to permit current mode control. An inverter is needed in
the output path to properly drive the P-channel MOSFET. For low current applications (less than -50mA output current),
it may be possible to use the PWM's output drive stage as the switching elements and eliminate M1 and D1 altogether.
RSET
CSET
INPUT 5V
Rcomp
1V/1.8V/2.5V/3.3V
M1
OUTPUT
RSOFT
CSOFT
Ccomp
0.1µF
RSET
CSET
VEE DRVN
VFB
COMP
50%
ISENSE
Out A
VCC
DRVP
SOFT
VREF
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com