Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 8Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 11Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 12Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 13Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 14Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 15Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
SCD5031 Rev B
Pre
lim
in
ar
y
OUTPUT DRIVE
Dual push-pull outputs OutA and OutB are provided for driving off chip switches. The output stages are identical:
◆
Totem Pole configuration
◆
Break-before-make switching to prevent harmful cross-conduction spikes
◆
Separate positive and negative supply connections to decouple power stage and sensitive logic
◆
Near rail-to-rail voltage swing
◆
±1A maximum peak current capability (capacitive load)
The outputs have two modes of control depending on whether the 50% toggle option is selected. In the case where the
50% pin is logic low, the outputs are in-phase with each other and the duty cycle is free to take on any value up to 100%.
However, when the 50% pin is asserted high (logic ''1''), the outputs switch from the in-phase condition to the logical
complement (out-of-phase) of each other and the duty cycle is limited to a maximum of 50%.
AUXILIARY AMPLIFIER
The chip includes an uncommitted op-amp with independent shutdown feature for use in any user-defined application.
Some possibilities are:
◆
Signal conditioning of an isolated configuration feedback voltage
◆
Implementation of more sophisticated compensation networks for control loop optimization
The Auxiliary amplifier has a unity gain bandwidth greater than 1MHz and an open loop gain greater than 100dB. The
ENAUX pin is active high such that a logic ''1'' enables the amplifier and logic ''0'' disables it. The amplifier has near
rail-to-rail capability on both the input and output.
FIGURE 8 – Output Saturation Characteristics at +25°C
Voltage
110
V
.25
.20
.15
.10
0
.30
100
Current mA
.05
Sink
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com