Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 4Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 5Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 6Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 7Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 8Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 11Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
SCD5031 Rev B
Pre
lim
in
ar
y
OSCILLATOR
The chip uses two precision current mirrors that alternately charge and discharge an external capacitor to generate an
extremely linear sawtooth oscillator waveform. At the start of each cycle, the charging current, set by the choice of
resistor at the Rset pin, is 1:1 mirrored over to the Cset pin where it charges an external capacitor. When the capacitor
voltage reaches the comparator’s upper threshold (nominally VREF), the comparator switches current mirrors and begins
to discharge the external capacitor. The discharge current is set at roughly five times the charging current to result in fast
discharge and minimal Dead Time. When the voltage reaches the comparator’s lower threshold (0.9V), the comparator
switches back to the charging mirror, powers down the discharge mirror, and the whole process repeats.
The frequency is set by choosing Rset and Cset such that:
Suggested Ranges for Cset and Rset are:
50K ohms < Rset < 300K
10pf < Cset < 600pF
Rt
Ct
Rset
Cset
GND
6
7
12
F
OSC
1
0.84
R
SET
×
C
SET
×
------------------------------------------------
≈
20KHz
F
OSC
1MHz
≤≤
FIGURE 3 – Timing Resistance vs Frequency
47pF
100pF
200pF
390pF
200pF
20pF
10pF
10K
100K
Frequency Hz
RSET
Ω
160K
140K
120K
100K
80K
60K
40K
1M
Frequency Hz
300K
280K
260K
240K
220K
200K
180K
320K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com