Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 11Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 12Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 13Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 14Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 15Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 16Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
SCD5031 Rev B
Pre
lim
in
ary
Recalling that the EA output is level shifted and divided before being applied to the comparator input, the peak current
limit is chosen by applying a voltage VSOFT such that:
Clamping the EA output to the soft pin also makes implementing a softstart ciruit easy. Rsoft and Csoft are connected as
in Figure 9 to provide the SOFT pin an asymptotically rising voltage. Because of the internal clamp on the EA output,
the PWM duty cycle will increase only as fast as the chosen time constant will allow. In this way, excessive duty cycle
and surge currents into the output capacitors are avoided. A transistor may be optionally connected across the softstart
capacitor to force zero duty cycle on command. This is a particularly convenient method for implementing an externally
controlled turn-on delay.
The discussion so far assumes the user operates the chip in the current mode: switch current is sensed and compared to
the error between the output voltage and a precision reference. Alternatively, the user may wish to implement voltage
mode control in which the control loop is dependent only on the output voltage. The PWM chip readily supports this
configuration with the following modification:
FIGURE 10 – Circuit for implementing voltage mode control.
A portion of the oscillator’s sawtooth waveform is coupled to the ISENSE pin and becomes the input to the comparator
stage. The operation is now identical to the current mode application: when the sawtooth voltage exceeds the amplified
difference between the output and a voltage reference, the comparator fires and latches off the output until the start of the
next cycle.
SELECTED APPLICATION EXAMPLES
The flexibility and performance of the chip makes it suitable for an enormous range of power converter applications –
step-up, step-down, DC-DC, AC-DC, isolated/non-isolated, and many more. This section will cover two of the more
popular power converter applications for which this chip is particularly well suited although many more can be
envisioned.
5V Input, 3.3V Isolated Output (Single Ended Forward Converter)
The isolated step down DC/DC converter is a staple of many satellite and aerospace systems. A common bus distributes
raw primary power to various system loads which must then convert the primary to one or more low voltage secondary
outputs. These outputs are filtered, regulated, and ground isolated from the primary side to keep EMI and undesired
subsystem interaction at a minimum. Figure 9 is one example of a circuit that very efficiently performs this conversion.
The values here were chosen to work for a 5V input and 3.3V output but the circuit topology is general enough to
support an infinite variety of applications. For example, output voltages can be adjusted by changing values of just a few
components. A wider input voltage range can be supported by varying the transformer’s turns ratios and by proper
selection of M1. Thus, a very wide range of power converter applications can be satisfied by simple variations of the
circuit.
At the start of each switching cycle, the PWM output goes high and turns on M1. Energy is coupled across T1’s turns
ratios to the secondary side where it is caught, rectified, and filtered to produce a clean DC voltage. A sampling network
on the output side feeds back a portion of the output across the isolation barrier into the error amplifier negative input.
I
pk
V
soft
1.4
–
3
R
s
×
-------------------------
=
1.4V
V
soft
4.4V
≤≤
Out
Isense
Vref
2N2222
Cset
Cset
M1
Switch
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com