Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 5Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 6Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 7Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 8Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 11Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 12Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
SCD5031 Rev B
Pr
el
im
in
ary
Dead Time
The amount of dead time determines the maximum duty cycle that can be achieved. The Dead Time and the frequency of
operation will determine the duty cycle.
Selecting Rset and Cset
To select values for Rset and Cset perform the following steps to insure the smallest Dead Time..
1) Determine what frequency is required for your design.
2) Use Figure 4 to select a capacitor value for Cset that will provide the highest duty cycle (shortest Dead Time) at
the frequency required.
3) Calculate the value of Rset using the formula:
Note small values of Rset increase power consumption for the PWM5031 and small values of Cset may make PCB and
stray capacitance a source of error.
Dead Time
5280 C
set
12pF
+
()
=
Duty Cycle
1
Dead Time
1 F
osc
⁄
-----------------------------
⎝⎠
⎛⎞
–
=
R
set
1
.84
F
osc
×
C
set
×
-----------------------------------------
=
10K
100K
Duty Cycle
1M
%
86
100
98
96
94
92
90
88
47pF
100pF
200pF
20pF
10pF
390pF
Frequency Hz
FIGURE 4 – Duty Cycle vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com