Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 3Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 4Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 5Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 6Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 7Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 8Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
SCD5031 Rev B
Pre
lim
in
ar
y
DETAILED COMPONENT OPERATION AND PERFORMANCE
POWER SUPPLIES
Three I/O pins are used to supply power to the chip:
1) Two DRVP (referenced to DRVN) for the output stage.
2) VCC (referenced to VEE) for all other functions.
VCC and DRVP are at 5V ± 10%. The two supplies are routed from separate pins to prevent power stage switching spikes
from interfering with the chip’s other circuits. VCC is specified to draw a maximum of 4.0mA under normal operating
conditions.
For protection against inadvertent over/undervoltages, the chip’s input pins are diode clamped to the supply rails through
current limiting resistors.
Undervoltage Lockout
The chip includes an internal undervoltage lockout circuit with built in hysteresis and a logic level power good indicator.
The positive and negative going thresholds are nominally 4.1V and 3.5V, respectively. If Vcc is below this range, the
oscillator, error amplifier, main comparators, and output drive circuits are all disabled. The power OK indicator is active
high (logic ''1'') when a valid supply voltage is applied.
Shutdown Logic
The chip has two logic level inputs for implementing shutdown functions. Asserting a logic ''1'' on the SLEEP pin disables
all chip functions and puts the chip into a very low power consumption mode. Asserting a logic ''0'' on the EN pin shuts
down all functions except the reference, bias generators, and auxiliary amplifier.
INPUTS
OUTPUTS
Sleep
EN
ENAUX
OUTA&B
AOUT
COMP
PWROK
Vref
0
0
0
0
0
0
Active
3 VDC
00
1
0
Active
0
Active
3 VDC
0
1
0
Active
0
Active
Active
3 VDC
0
1
1
Active
Active
Active
Active
3 VDC
1
X
X
0
0
000
1
X
X
0
0
000
1
X
X
0
0
000
1
X
X
0
0
000
Truth Table
3.5V
Von
Voff
4.1V
Vcc
POWER OK
ON/OFF COMMAND
TO REST OF IC
24
VON
ICC
1.6mA
VOFF
VCC
1
FIGURE 2 –Undervoltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com