Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 11Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 12Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 13Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 14Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 15Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 16Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
SCD5031 Rev B
Pre
lim
in
ar
y
TYPICAL APPLICATIONS
A typical single output forward converter application is shown in Figure 9 to aid in the following operational description.
During normal operation, the oscillator jumpstarts each switching cycle by resetting the RS latch, causing the output
stage to go high and turn on M1. Current begins to build linearly through T1 and M1 and a proportional voltage is
developed across the small sense resistor Rs. Switching spikes are filtered by C1 and R1, and the resulting sawtooth
waveform is passed into the PWM to serve as the current comparator input. Meanwhile, a portion of the output voltage
is sensed and compared to the PWM’s internal precision 2.5V reference. The difference is then amplified and level
shifted to serve as the comparator threshold. When the voltage on the ISENSE pin exceeds this threshold, the comparator
fires and resets the latch. The output then turns off until the beginning of the next oscillator cycle when the process
repeats.
Like all current mode PWMs, the chip provides built in fault protection by limiting peak switch current on a cycle by
cycle basis. When an overload condition occurs, the sensed current reaches the current trip threshold earlier in the
switching cycle than it otherwise would and thus forces the PWM latch off until the start of the next cycle. The process
repeats until the overload condition is removed and the PWM can return to a normal duty cycle. The chip is capable of
operating in this mode indefinitely without sustaining damage.
There are two ways to set the current limit trip point. One is to simply tailor the sense resistor Rs:
Some users may find the power is dissipated in Rs to be unacceptably high. In this case, the user can fix Rs at a small
value and vary the current comparator threshold instead. Fortunately, the PWM chip provides a very convenient method
for doing so. Because the error amplifier output is internally clamped to the SOFT pin, the user need simply apply the
desired voltage level to the SOFT pin to arbitrarily lower the current comparator threshold.
FIGURE 9 – Typical Forward Converter Application
Rset
Cset
CSOFT
0.1µF
RSOFT
M2
C1
R1
Rs
T1
Isolation Barrier
3.3V, 0.5A
Opto-Isolator or
Pulse Transformer
Optional circuit
to force zero
duty cycle
M1
RSET
CSET
VEE DRVN
VFB
COMP
50%
ISENSE
Out A
Out B
VCC
DRVP
EN
SOFT
VREF
+5VDC
I
pk
1.0Vdc
R
s
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com