Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWM5031 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # PWM5031
Description  RadHard High Speed PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PWM5031 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button PWM5031 Datasheet HTML 6Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 7Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 8Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 9Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 10Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 11Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 12Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 13Page - Aeroflex Circuit Technology PWM5031 Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
SCD5031 Rev B
If desired, the user can synchronize the oscillator to an external frequency source by coupling a pulse train to the Cset
pin:
FIGURE 5 – PWM can be synchronized to external source
with just two additional components.
Operation is similar to the free running case. Cset is alternately charged and discharged by the same current mirrors and
the same comparator and thresholds are used. The only difference is that when a sync pulse is received, the capacitor
voltage is level shifted up and reaches the comparator’s upper threshold voltage before it normally would in the free
running case. If a series of pulses are received with shorter period than that of the free running oscillator, the comparator
will trip in response to the sync pulse and the oscillator will be synchronized. (NOTE: The user must ensure that the sync
pulse does not induce a voltage on CSET that exceeds the PWM5031 voltage rating. If this cannot be guaranteed, a
simple diode clamp to the positive rail should be used to prevent damage to the PWM)
ERROR AMPLIFIER
The main error amplifier is a N-type input folded cascode configuration with a few interesting additions. The positive
input is internally tied to 2.5V derived from the on chip reference. The negative input typically draws less than 1µA and
has a voltage offset of less than 2mV. At 20µA bias current, the amplifier exceeds 2MHz bandwidth and 120dB open
loop gain (see Figure 7).
The amplifier is designed to limit at whatever voltage is applied to the SOFT pin. As mentioned previously, this function
will allow the user to implement a softstart circuit, a controlled turn-on delay, or any number of other useful functions.
Sync Pulse
2nF
24
Ω
Cset
To PWM
Pr
el
im
in
ary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com