Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 6Page - Cirrus Logic CS5463 Datasheet HTML 7Page - Cirrus Logic CS5463 Datasheet HTML 8Page - Cirrus Logic CS5463 Datasheet HTML 9Page - Cirrus Logic CS5463 Datasheet HTML 10Page - Cirrus Logic CS5463 Datasheet HTML 11Page - Cirrus Logic CS5463 Datasheet HTML 12Page - Cirrus Logic CS5463 Datasheet HTML 13Page - Cirrus Logic CS5463 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
CS5463
10
DS678PP1
Notes: 10. All measurements performed under static conditions.
11.
If a crystal is used, then XIN frequency must remain between 2.5 MHz - 5.0 MHz. If an external
oscillator is used, XIN frequency range is 2.5 MHz - 20 MHz, but K must be set so that MCLK is between
2.5 MHz - 5.0 MHz.
12. If external MCLK is used, then the duty cycle must be between 45% and 55% to maintain this
specification.
13. The frequency of CPUCLK is equal to MCLK.
14. The minimum FSCR is limited by the maximum allowed gain register value. The maximum FSCR is
limited by the full-scale signal applied to the channel input.
15. Configuration Register bits PC[6:0] are set to “0000000”.
Low-level Input Voltage (VD = 3.3 V)
All Pins Except XIN and SCLK and RESET
XIN
SCLK and RESET
VIL
-
-
-
-
-
-
0.48
0.3
0.2 VD+
V
V
V
High-level Output Voltage
Iout = +5 mA VOH
(VD+) - 1.0
-
-
V
Low-level Output Voltage
Iout = -5 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
3-state Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-5
-
pF
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com