Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 26Page - Cirrus Logic CS5463 Datasheet HTML 27Page - Cirrus Logic CS5463 Datasheet HTML 28Page - Cirrus Logic CS5463 Datasheet HTML 29Page - Cirrus Logic CS5463 Datasheet HTML 30Page - Cirrus Logic CS5463 Datasheet HTML 31Page - Cirrus Logic CS5463 Datasheet HTML 32Page - Cirrus Logic CS5463 Datasheet HTML 33Page - Cirrus Logic CS5463 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
CS5463
30
DS678PP1
VOD (IOD)
Modulator oscillation detected on the voltage (current) channel. Set when the modulator oscil-
lates due to an input above full scale. The level at which the modulator oscillates is significantly
higher than the voltage channel’s differential input voltage (current) range.
Note: The IOD and VOD bits may be ‘falsely’ triggered by very brief voltage spikes from the
power line. This event should not be confused with a DC overload situation at the inputs,
when the IOD and VOD bits will re-assert themselves even after being cleared, multiple
times.
LSD
Low Supply Detect. Set when the voltage at the PFMON pin falls below the low-voltage thresh-
old (PMLO), with respect to AGND pin. The LSD bit cannot be reset until the voltage at PFMON
pin rises back above the high-voltage threshold (PMHI).
IC
Invalid Command. Normally logic 1. Set to logic 0 if an invalid command is received or the Sta-
tus Register
has not been successfully read.
6.1.12 Current and Voltage AC Offset Register ( VACoff , IACoff )
Address: 16 (Current AC Offset); 17 (Voltage AC Offset)
Default = 0x000000
The AC Offset Registers (VACoff, IACoff) are initialized to zero on reset, allowing for uncalibrated normal operation.
AC Offset Calibration updates these registers. This sequence lasts approximately (6N + 30) ADC cycles (where
N is the value of the Cycle Count Register). DRDY will be asserted at the end of the calibration. These values
may be read and stored for future system AC offset compensation. The value is represented in two's comple-
ment notation in the range of -1.0
≤ VACoff, IACoff < 1.0, with the binary point to the right of the MSB
6.1.13 Operational Mode Register ( Mode )
Address: 18
Default = 0x000000
E2MODE
E2 Output Mode
0 = Sign of Active Power (default)
1 = Apparent Power
XVDEL
Enables an extra sample of voltage channel delay. XVDEL and XIDEL can not be enabled at
the same time.
XIDEL
Enables an extra sample of current channel delay. XVDEL and XIDEL can not be enabled at
the same time.
IHPF
Enables the High-pass Filter on the current channel.
0 = High-pass filter disabled (default)
1 = High-pass filter enabled
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
E2MODE
XVDEL
7
654
32
10
XIDEL
IHPF
VHPF
IIR
E3MODE1
E3MODE0
POS
AFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com