Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 16Page - Cirrus Logic CS5463 Datasheet HTML 17Page - Cirrus Logic CS5463 Datasheet HTML 18Page - Cirrus Logic CS5463 Datasheet HTML 19Page - Cirrus Logic CS5463 Datasheet HTML 20Page - Cirrus Logic CS5463 Datasheet HTML 21Page - Cirrus Logic CS5463 Datasheet HTML 22Page - Cirrus Logic CS5463 Datasheet HTML 23Page - Cirrus Logic CS5463 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
CS5463
20
DS678PP1
The temperature update rate is a function of the number
of ADC samples. With MCLK = 4.096 MHz and K = 1
the update rate is:
The Cycle Count Register (N) must be set to a value
greater then one. Status bit TUP in the Status Register,
indicates when the Temperature Register is updated.
The Temperature Offset Register sets the zero-degree
measurement. To improve temperature measurement
accuracy, the zero-degree offset may need to be adjust-
ed after the CS5463 is initialized. Temperature offset
calibration is achieved by adjusting the Temperature
Offset Register
(Toff) by the differential temperature
(
∆T) measured from a calibrated digital thermometer
and the CS5463 temperature sensor. A one degree ad-
justment to the Temperature Register (T) is achieved by
adding 2.737649x10-4 to the Temperature Offset Regis-
ter
(Toff). Therefore,
if Toff = -0.09104831 and ∆T = -7.0 (oC), then
or 0xF419BC (2’s compliment notation) is stored in the
Temperature Offset Register
(Toff).
To convert the Temperature Register (T) from a Celsius
scale (oC) to a Fahrenheit scale (oF) utilize the formula
Applying the above relationship to the CS5461A tem-
perature measurement algorithm
If Toff = -0.09296466 and Tgain = 23.799 for a Celsius
scale, then the modified values are Toff = -0.08809772
(0xF4B937) and Tgain = 42.8382 (0x55AD29) for a
Fahrenheit scale.
5.8 Voltage Reference
The CS5463 is specified for operation with a +2.5 V ref-
erence between the VREFIN and AGND pins. To utilize
the on-chip 2.5 V reference, connect the VREFOUT pin
to the VREFIN pin of the device. The VREFIN can be
used to connect external filtering and/or references.
5.9 System Initialization
Upon powering up, the digital circuitry is held in reset
until the analog voltage reaches 4.0 V. At that time, an
eight XIN clock period delay is enabled to allow the os-
cillator to stabilize. The CS5463 will then initialize.
A hardware reset is initiated when the RESET pin is as-
serted with a minimum pulse width of 50 ns. The RE-
SET signal is asynchronous, with a Schmitt Trigger
input. Once the RESET pin is de-asserted, an eight XIN
clock period delay is enabled.
A software reset is initiated by writing the command
0x80. After a hardware or software reset, the internal
registers (some of which drive output pins) will be reset
to their default values. Status bit DRDY in the Status
Register,
indicates the CS5463 is in its active state and
ready to receive commands.
5.10 Power-down States
The CS5463 has two power-down states, Stand-by and
Sleep. In the stand-by state all circuitry except the volt-
age reference and crystal oscillator is turned off. To re-
turn the device to the active state a power-up command
is sent to the device.
In Sleep state all circuitry except the instruction decoder
is turned off. When the power-up command is sent to
the device, a system initialization is performed (See
Section 5.9 System Initialization on page 20).
5.11 Oscillator Characteristics
XIN and XOUT are the input and output of an inverting
amplifier configured as an on-chip oscillator, as shown
in Figure 10. The oscillator circuit is designed to work
with a quartz crystal. To reduce circuit cost, two load ca-
pacitors C1 and C2 are integrated in the device, from
XIN to DGND, and XOUT to DGND. PCB trace lengths
2240 samples
MCLK K
⁄
() 1024
⁄
----------------------------------------
0.56 sec
=
Toff
Toff
∆T 2.737649 10
4
–
⋅
×
()
+
=
Toff
0.09104831
–
7.0
–
2.737649 10
4
–
⋅
×
()
+
0.09296466
–
==
F
o
9
5
---C
o
17.7778
+
()
=
TF
o
〈〉
9
5
--- Tgain
×
⎝⎠
⎛⎞ TC
o
〈〉
Toff 17.7778 2.737649
×
10
4
–
⋅
()
+
⎝⎠
⎛⎞
+
=
Oscillator
Circuit
DGND
XIN
XOUT
C1
C1 =
22 pF
C2
C2 =
Figure 10. Oscillator Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com