Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5463 Datasheet HTML 1Page - Cirrus Logic CS5463 Datasheet HTML 2Page - Cirrus Logic CS5463 Datasheet HTML 3Page - Cirrus Logic CS5463 Datasheet HTML 4Page - Cirrus Logic CS5463 Datasheet HTML 5Page - Cirrus Logic CS5463 Datasheet HTML 6Page - Cirrus Logic CS5463 Datasheet HTML 7Page - Cirrus Logic CS5463 Datasheet HTML 8Page - Cirrus Logic CS5463 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5463
Single Phase, Bi-directional Power/Energy IC
Features
Energy Data Linearity: ±0.1% of Reading
over 1000:1 Dynamic Range
On-chip Functions:
- Instantaneous Voltage, Current, and Power
- IRMS and VRMS, Apparent, Reactive, and Active
(Real) Power
- Active Fundamental and Harmonic Power
- Reactive Fundamental, Power Factor, and Line
Frequency
- Energy-to-pulse Conversion
- System Calibrations and Phase Compensation
- Temperature Sensor
Meets accuracy spec for IEC, ANSI, JIS.
Low Power Consumption
Current Input Optimized for Sense Resistor.
GND-referenced Signals with Single Supply
On-chip 2.5 V Reference (25 ppm/°C typ)
Power Supply Monitor
Simple Three-wire Digital Serial Interface
“Auto-boot” Mode from Serial E2PROM
Power Supply Configurations:
VA+ = +5 V; AGND = 0 V; VD+ = +3.3 V to +5 V
Description
The CS5463 is an integrated power measure-
ment
device
which
combines
two
∆Σ
analog-to-digital converters, power calculation
engine, energy-to-frequency converter, and a
serial interface on a single chip. It is designed to
accurately measure instantaneous current and
voltage, and calculate VRMS, IRMS, instanta-
neous power, apparent power, active power, and
reactive power for single-phase, 2- or 3-wire
power metering applications.
The CS5463 is optimized to interface to shunt re-
sistors or current transformers for current
measurement, and to resistive dividers or poten-
tial transformers for voltage measurement.
The CS5463 features a bi-directional serial inter-
face for communication with a processor and a
programmable energy-to-pulse output function.
Additional features include on-chip functionality
to facilitate system-level calibration, temperature
sensor, voltage sag detection, and phase
compensation.
ORDERING INFORMATION:
See Page 44.
VA+
VD+
IIN+
IIN-
VIN+
VIN-
VREFIN
VREFOUT
AGND
XIN XOUT CPUCLK
DGND
CS
SDO
SDI
SCLK
INT
Voltage
Reference
System
Clock
/K
Clock
Generator
Serial
Interface
E-to-F
Power
Monitor
PFMON
x1
RESET
Digital
Filter
Calibration
MODE
Power
Calculation
Engine
4th Order
∆Σ
Modulator
2nd Order
∆Σ
Modulator
Temperature
Sensor
Digital
Filter
PGA
HPF
Option
HPF
Option
E1
E2
E3
x10
AUG ‘05
DS678PP1


Similar Part No. - CS5463

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5463 CIRRUS-CS5463 Datasheet
770Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5463-IS CIRRUS-CS5463-IS Datasheet
770Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5463-ISZ CIRRUS-CS5463-ISZ Datasheet
770Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5463-ISZ CIRRUS-CS5463-ISZ Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
More results

Similar Description - CS5463

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
Single Phase, Bi-directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
Single Phase Bi-Directional Power/Energy IC
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com