Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 20Page - Cirrus Logic CS5463 Datasheet HTML 21Page - Cirrus Logic CS5463 Datasheet HTML 22Page - Cirrus Logic CS5463 Datasheet HTML 23Page - Cirrus Logic CS5463 Datasheet HTML 24Page - Cirrus Logic CS5463 Datasheet HTML 25Page - Cirrus Logic CS5463 Datasheet HTML 26Page - Cirrus Logic CS5463 Datasheet HTML 27Page - Cirrus Logic CS5463 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
CS5463
24
DS678PP1
5.15.5 Register Read/Write
The Read/Write informs the command decoder that a register access is required. During a read operation, the ad-
dressed register is loaded into an output buffer and clocked out by SCLK. During a write operation, the data is
clocked into an input buffer and transferred to the addressed register upon completion of the 24th SCLK.
W/R
Write/Read control
0 = Read
1 = Write
RA[4:0]
Register address bits (bits 5 through 1) of the read/write command.
Register Page 0
Address
RA[4:0]
Name
Description
0
00000
Config
Configuration
1
00001
IDCoff
Current DC Offset
2
00010
Ign
Current Gain
3
00011
VDCoff
Voltage DC Offset
4
00100
Vgn
Voltage Gain
5
00101
Cycle Count
Number of A/D conversions used in one computation cycle (N)).
6
00110
PulseRateE
Sets the E1, E2 and E3 energy-to-frequency output pulse rate.
7
00111
I
Instantaneous Current
8
01000
V
Instantaneous Voltage
9
01001
P
Instantaneous Power
10
01010
Pactive
Active (Real) Power
11
01011
I
RMS
RMS Current
12
01100
V
RMS
RMS Voltage
13
01101
ε (Epsilon)
Ratio of line frequency to output word rate (OWR)
14
01110
Poff
Power Offset
15
01111
Status
Status
16
10000
IACoff
Current AC (RMS) Offset
17
10001
VACoff
Voltage AC (RMS) Offset
18
10010
Mode
Operation Mode
19
10011
T
Temperature
20
10100
Q
AVG
Average Reactive Power
21
10101
Q
Instantaneous Reactive Power
22
10101
I
Peak
Peak Current
23
10111
V
Peak
Peak Voltage
24
11000
Q
Trig
Reactive Power calculated from Power Triangle
25
11001
PF
Power Factor
26
11010
Mask
Interrupt Mask
27
11011
S
Apparent Power
28
11100
Ctrl
Control
29
11101
P
H
Harmonic Active Power
30
11110
P
F
Fundamental Active Power
31
11111
Q
F
Fundamental Reactive Power / Page
Note: For proper operation, do not attempt to write to unspecified registers.
B7
B6
B5
B4
B3
B2
B1
B0
0W/R
RA4
RA3
RA2
RA1
RA0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com