Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 27Page - Cirrus Logic CS5463 Datasheet HTML 28Page - Cirrus Logic CS5463 Datasheet HTML 29Page - Cirrus Logic CS5463 Datasheet HTML 30Page - Cirrus Logic CS5463 Datasheet HTML 31Page - Cirrus Logic CS5463 Datasheet HTML 32Page - Cirrus Logic CS5463 Datasheet HTML 33Page - Cirrus Logic CS5463 Datasheet HTML 34Page - Cirrus Logic CS5463 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
CS5463
DS678PP1
31
VHPF
Enables the High-pass Filter on the voltage channel.
0 = High-pass filter disabled (default)
1 = High-pass filter enabled
Note: When either IHPF or VHPF are enabled, but not both, an all pass filter is applied to the
opposite channel for phase-matching.
IIR
Enables the IIR compensation filters.
0 = IIR compensation filters enabled (default)
1 = IIR compensation filters disabled
E3MODE1:0
E3 Output Mode
00 = Reactive Power (default)
01 = PFMON
10 = Voltage sign
11 = Apparent Power
POS
Positive Energy Only. Negative energy pulses on E1 are suppressed. However, it will NOT sup-
press negative P register results.
AFC
Enables automatic line frequency measurement and sets the frequency of the local sine/cosine
generator used in fundamental/harmonic measurements. When AFC is enabled, the Epsilon
register will be updated periodically.
6.1.14 Temperature Register ( T )
Address: 19
T contains measurements from the on-chip temperature sensor. Measurements are performed during continu-
ous conversions, with the default the Celsius scale (oC). The value is represented in two's complement notation
and in the range of -128.0
≤ T < 128.0, with the binary point to the right of the eighth MSB.
6.1.15 Average and Instantaneous Reactive Power Register ( QAVG , Q )
Address: 20 (Average Reactive Power) and 21 (Instantaneous Reactive Power)
The Instantaneous Reactive Power (Q) is the product of the voltage, shifted 90 degrees, and the current. The
Average Reactive Power (QAVG) is Q averaged over N samples. The results are signed values with. The value
is represented in two's complement notation and in the range of -1.0
< Q, QAVG< 1.0, with the binary point to the
right of the MSB.
6.1.16 Peak Current and Peak Voltage Register ( Ipeak , Vpeak )
Address: 22 (Peak Currect) and 23 (Peak Voltage)
The Peak Current (Ipeak) and Peak Voltage (Vpeak) registers contain the instantaneous current and voltage with
the greatest magnitude detected during the last computation cycle. The value is represented in two's comple-
ment notation and in the range of -1.0
≤ Ipeak,Vpeak < 1.0, with the binary point to the right of the MSB.
MSB
LSB
-(27)26
25
24
23
22
21
20
.....
2-10
2-11
2-12
2-13
2-14
2-15
2-16
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com