Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 25Page - Cirrus Logic CS5463 Datasheet HTML 26Page - Cirrus Logic CS5463 Datasheet HTML 27Page - Cirrus Logic CS5463 Datasheet HTML 28Page - Cirrus Logic CS5463 Datasheet HTML 29Page - Cirrus Logic CS5463 Datasheet HTML 30Page - Cirrus Logic CS5463 Datasheet HTML 31Page - Cirrus Logic CS5463 Datasheet HTML 32Page - Cirrus Logic CS5463 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
CS5463
DS678PP1
29
6.1.10 Power Offset Register ( Poff )
Address: 14
Default = 0x000000
Power Offset (Poff) is added to the instantaneous power being accumulated in the Pactive register, and can be
used to offset contributions to the energy result that are caused by undesirable sources of energy that are in-
herent in the system. The value is represented in two's complement notation and in the range of -1.0
≤ Poff < 1.0,
with the binary point to the right of the MSB.
6.1.11 Status Register and Mask Register ( Status , Mask )
Address: 15 (Status Register); 26 (Mask Register)
Default =
0x000001 (Status Register), 0x000000 (Mask Register)
The Status Register indicates status within the chip. In normal operation, writing a '1' to a bit will cause the bit
to reset. Writing a '0' to a bit will not change it’s current state.
The Mask Register is used to control the activation of the INT pin. Placing a logic '1' in a Mask bit will allow the
corresponding bit in the Status Register to activate the INT pin when the status bit is asserted.
DRDY
Data Ready. During conversions, this bit will indicate the end of computation cycles. For cali-
brations, this bit indicates the end of a calibration sequence.
CRDY
Conversion Ready. Indicates a new conversion is ready. This will occur at the output word rate.
IOR
Current Out of Range. Set when the Instantaneous Current Register overflows.
VOR
Voltage Out of Range. Set when the Instantaneous Voltage Register overflows.
IROR
IRMS Out of Range. Set when the IRMS Register overflows.
VROR
VRMS Out of Range. Set when the VRMS Register overflows.
EOR
Energy Out of Range. Set when PACTIVE overflows.
FUP
Epsilon Updated. Indicates completion of a line frequency measurement and update of Epsilon.
IFAULT
Indicates a current fault has occurred. See Section 5.6 Sag and Fault Detect Feature on page
19.
VSAG
Indicates a voltage sag has occurred. See Section 5.6 Sag and Fault Detect Feature on page
19.
TUP
Temperature Updated. Indicates the Temperature Register has updated.
TOD
Modulator oscillation detected on the temperature channel. Set when the modulator oscillates
due to an input above full scale.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
23
22
21
20
19
18
17
16
DRDY
CRDY
IOR
VOR
15
14
13
12
11
10
9
8
IROR
VROR
EOR
IFAULT
VSAG
7
654
32
10
TUP
TOD
VOD
IOD
LSD
FUP
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com