Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 22Page - Cirrus Logic CS5463 Datasheet HTML 23Page - Cirrus Logic CS5463 Datasheet HTML 24Page - Cirrus Logic CS5463 Datasheet HTML 25Page - Cirrus Logic CS5463 Datasheet HTML 26Page - Cirrus Logic CS5463 Datasheet HTML 27Page - Cirrus Logic CS5463 Datasheet HTML 28Page - Cirrus Logic CS5463 Datasheet HTML 29Page - Cirrus Logic CS5463 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
CS5463
26
DS678PP1
6. REGISTER DESCRIPTION
1.
“Default” = bit status after power-on or reset
2.
Any bit not labeled is Reserved. A zero should always be used when writing to one of these bits.
6.1 Page 0 Registers
6.1.1 Configuration Register ( Config )
Address: 0
Default = 0x000001
PC[6:0]
Phase compensation. A 2’s complement number which sets a delay in the voltage channel rel-
ative to the current channel. Default setting is 0000000 = 0.0215 degree phase delay at 60 Hz
(when MCLK = 4.096 MHz). See Section 7.2 Phase Compensation on page 38 for more infor-
mation.
Igain
Sets the gain of the current PGA.
0 = Gain is 10 (default)
1 = Gain is 50
EWA
Allows the E1 and E2 pins to be configured as open-collector output pins.
0 = Normal outputs (default)
1 = Only the pull-down device of the E1 and E2 pins are active
IMODE, IINV
Interrupt configuration bits. Select the desired pin behavior for indication of an interrupt.
00 = Active-low level (default)
01 = Active-high level
10 = High-to-low pulse
11 = Low-to-high pulse
iCPU
Inverts the CPUCLK clock. In order to reduce the level of noise present when analog signals
are sampled, the logic driven by CPUCLK should not be active during the sample edge.
0 = Normal operation (default)
1 = Minimize noise when CPUCLK is driving rising edge logic
K[3:0]
Clock divider. A 4-bit binary number used to divide the value of MCLK to generate the internal
clock DCLK. The internal clock frequency is DCLK = MCLK/K. The value of K can range be-
tween 1 and 16. Note that a value of “0000” will set K to 16 (not zero). K = 1 at reset.
23
22
21
20
19
18
17
16
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Igain
15
14
13
12
11
10
9
8
EWA
-
-
IMODE
IINV
-
-
-
7
654
32
10
-
-
-
iCPU
K3K2
K1K0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com