Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 34Page - Cirrus Logic CS5463 Datasheet HTML 35Page - Cirrus Logic CS5463 Datasheet HTML 36Page - Cirrus Logic CS5463 Datasheet HTML 37Page - Cirrus Logic CS5463 Datasheet HTML 38Page - Cirrus Logic CS5463 Datasheet HTML 39Page - Cirrus Logic CS5463 Datasheet HTML 40Page - Cirrus Logic CS5463 Datasheet HTML 41Page - Cirrus Logic CS5463 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
CS5463
38
DS678PP1
However, an AC signal cannot be used for DC gain cal-
ibration.
7.1.3.2 DC Gain Calibration Sequence
Initiate a DC gain calibration. The corresponding gain
register is restored to default (1.0). The DC gain calibra-
tion averages the channel’s instantaneous measure-
ments over one computation cycle (N samples). The
average is then divided into 1.0 and the quotient is
stored in the corresponding gain register
After the DC gain calibration, the instantaneous register
will read at full-scale whenever the DC level of the input
signal is equal to the level of the DC calibration signal
applied to the inputs during the DC gain calibration.The
HPF option should not be enabled if DC gain calibration
is utilized.
7.1.4 Order of Calibration Sequences
1. If the HPF option is enabled, then any DC component
that may be present in the selected signal path will be
removed and a DC offset calibration is not required.
However, if the HPF option is disabled the DC offset
calibration sequence should be performed.
When using high-pass filters, it is recommended that
the DC Offset register for the corresponding channel
be set to zero. When performing DC offset calibra-
tion, the corresponding gain channel should be set to
one.
2. If there is an AC offset in the VRMS or IRMS calcula-
tion, then the AC offset calibration sequence should
be performed.
3. Perform the gain calibration sequence.
4. Finally, if an AC offset calibration was performed
(step 2), then the AC offset may need to be adjusted
to compensate for the change in gain (step 3). This
can be accomplished by restoring zero to the AC off-
set register and then perform an AC offset calibration
sequence. The adjustment could also be done by
multiplying the AC offset register value that was cal-
culated in step 2 by the gain calculated in step 3 and
updating the AC offset register with the product.
7.2 Phase Compensation
The CS5463 is equipped with phase compensation to
cancel out phase shifts introduced by the measurement
element. Phase Compensation is set by bits PC[6:0] in
the Configuration Register.
The
default
value
of
PC[6:0]
is
zero.
With
MCLK = 4.096 MHz and K = 1, the phase compensa-
tion has a range of
±2.8 degrees when the input signals
are 60 Hz. Under these conditions, each step of the
phase compensation register (value of one LSB) is ap-
proximately 0.04 degrees. For values of MCLK other
than 4.096 MHz, the range and step size should be
scaled by 4.096 MHz/(MCLK/K). For power line fre-
quencies other than 60Hz, the values of the range and
step size of the PC[6:0] bits can be determined by con-
verting the above values from angular measurement
into the time domain (seconds), and then computing the
new range and step size (in degrees) with respect to the
new line frequency.
7.3 Active Power Offset
The Power Offset Register can be used to offset system
power sources that may be resident in the system, but
do not originate from the power line signal. These sourc-
es of extra energy in the system contribute undesirable
and false offsets to the power and energy measurement
results. After determining the amount of stray power, the
Power Offset Register can be set to cancel the effects
of this unwanted energy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com