Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 17Page - Cirrus Logic CS5463 Datasheet HTML 18Page - Cirrus Logic CS5463 Datasheet HTML 19Page - Cirrus Logic CS5463 Datasheet HTML 20Page - Cirrus Logic CS5463 Datasheet HTML 21Page - Cirrus Logic CS5463 Datasheet HTML 22Page - Cirrus Logic CS5463 Datasheet HTML 23Page - Cirrus Logic CS5463 Datasheet HTML 24Page - Cirrus Logic CS5463 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
CS5463
DS678PP1
21
should be minimized to reduce stray capacitance. To
drive the device from an external clock source, XOUT
should be left unconnected while XIN is driven by the
external circuitry. There is an amplifier between XIN and
the digital section which provides CMOS level signals.
This amplifier works with sinusoidal inputs so there are
no problems with slow edge times.
The CS5463 can be driven by an external oscillator
ranging from 2.5 to 20 MHz, but the K divider value must
be set such that the internal MCLK will run somewhere
between 2.5 MHz and 5 MHz. The K divider value is set
with the K[3:0] bits in the Configuration Register. As an
example, if XIN = MCLK = 15 MHz, and K is set to 5,
then DCLK is 3 MHz, which is a valid value for DCLK.
5.12 Event Handler
The INT pin is used to indicate that an internal error or
event has taken place in the CS5463. Writing a logic 1
to any bit in the Mask Register allows the corresponding
bit in the Status Register to activate the INT pin. The in-
terrupt condition is cleared by writing a logic 1 to the bit
that has been set in the Status Register.
The behavior of the INT pin is controlled by the IMODE
and IINV bits of the Configuration Register.
If the interrupt output signal format is set for either falling
or rising edge, the duration of the INT pulse will be at
least one DCLK cycle (DCLK = MCLK/K).
5.12.1 Typical Interrupt Handler
The steps below show how interrupts can be handled.
INITIALIZATION
:
1) All Status bits are cleared by writing 0xFFFFFF to
the Status Register.
2) The condition bits which will be used to generate
interrupts are then set to logic 1 in the Mask Reg-
ister.
3) Enable interrupts.
INTERRUPT HANDLER ROUTINE
:
4) Read the Status Register.
5) Disable all interrupts.
6) Branch to the proper interrupt service routine.
7) Clear the Status Register by writing back the read
value in step 4.
8) Re-enable interrupt
9) Return from interrupt service routine.
This handshaking procedure ensures that any new in-
terrupts activated between steps 4 and 7 are not lost
(cleared) by step 7.
5.13 Serial Port Overview
The CS5463 incorporates a serial port transmit and re-
ceive buffer with a command decoder that interprets
one-byte (8 bits) commands as they are received. There
are four types of commands; instructions, synchroniz-
ing, register writes and register reads (See Section 5.15
Commands
on page 23).
Instructions are one byte in length and will interrupt any
instruction currently executing. Instructions do not affect
register reads currently being transmitted.
Synchronizing commands are one byte in length and
only affect the serial interface. Synchronizing com-
mands do not affect operations currently in progress.
Register writes must be followed by three bytes of data.
Register reads can return up to four bytes of data.
Commands and data are transferred most-significant bit
(MSB) first. Figure 1 on page 12, defines the serial port
timing and required sequence necessary to write to and
read from the serial port receive and transmit buffer, re-
spectively. While reading data from the serial port, com-
mands and data can be simultaneously written. Starting
a new register read command while data is being read
will terminate the current read in progress. This is ac-
ceptable if the remainder of the current read data is not
needed. During data reads, the serial port requires input
data. If a new command and data is not sent, SYNC0 or
SYNC1 must be sent.
5.13.1 Serial Port Interface
The serial port interface is a “4-wire” synchronous serial
communications interface. The interface is enabled to
start excepting SCLKs when CS (Chip Select) is assert-
ed. SCLK (Serial bit-clock) is a Schmitt-trigger input that
is used to strobe the data on SDI (Serial Data In) into the
receive buffer and out of the transmit buffer onto SDO
(Serial Data Out).
IMODE
IINV
INT Pin
0
0
Active-low Level
0
1
Active-high Level
10
Low Pulse
11
High Pulse
Table 4. Interrupt Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com