Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5463 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 13Page - Cirrus Logic CS5463 Datasheet HTML 14Page - Cirrus Logic CS5463 Datasheet HTML 15Page - Cirrus Logic CS5463 Datasheet HTML 16Page - Cirrus Logic CS5463 Datasheet HTML 17Page - Cirrus Logic CS5463 Datasheet HTML 18Page - Cirrus Logic CS5463 Datasheet HTML 19Page - Cirrus Logic CS5463 Datasheet HTML 20Page - Cirrus Logic CS5463 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
CS5463
DS678PP1
17
for unsigned registers is a normalized value between 0
and 1. A register value of
represents the maximum possible value.
At each instantaneous measurement, the CRDY bit will
be set in the Status Register, and the INT pin will be-
come active if the CRDY bit is unmasked in the Mask
Register. At the end of each computation cycle, the
DRDY bit will be set in the Status Register, and the INT
pin will become active if the DRDY bit is unmasked in
the Mask Register. When these bits are asserted, they
must be cleared before they can be asserted again.
If the Cycle Count Register (N) is set to 1, all output cal-
culations are instantaneous, and DRDY, like CRDY, will
indicate when instantaneous measurements are fin-
ished. Some calculations are inhibited when the cycle
count is less than 2.
Epsilon (
ε) is the ratio of the input line frequency (f
i) to
the sample frequency (fs) of the ADC.
where fs = MCLK / (K*1024). With MCLK = 4.096 MHz
and clock divider K = 1, fs = 4000 Hz. For the two
most-common line frequencies, 50 Hz and 60 Hz
and
respectively. Epsilon is used to set the frequency of the
internal sine/cosine reference for the fundamental ac-
tive and reactive measurements, and the gain of the 90o
phase shift (IIR) filter for the average reactive power.
5.5 Energy Pulse Output
The CS5463 provides three output pins for energy reg-
istration. By default, E1 registers active energy, E3 reg-
isters reactive energy, and E2 indicates the sign of both
active and reactive energy. (See Figure 2. Timing Dia-
gram for E1, E2 and E3 on page13.) The E1 pulse out-
put is designed to register the Active Energy. The E2 pin
can be set to register Apparent Energy. Table 2 defines
the pulse output mode, which is controlled by bit
E2MODE in the Operational Mode Register.
The E3 pin can be set to register, Reactive Energy (de-
fault), PFMON, Voltage Channel Sign, or Apparent En-
ergy. Table 3 defines the pulse output format, which is
controlled by bits E3MODE[1:0] in the Operational
Mode Register.
The pulse output frequency of E1, E2, and E3 is directly
proportional to the power calculated from the input sig-
nals. The value contained in the PulseRateE Register is
the ratio of the energy-output-pulse per samples at full
scale, which defines the average frequency for the out-
put pulses. The pulse width, tpw in Figure 2, is an integer
multiple of MCLK cycles approximately equal to:
If MCLK = 4.096 MHz and K = 1 then tpw ≅ 0.25 ms.
5.5.1 Active Energy
The E1 pin produces active-low pulses with an output
frequency proportional to the active power. The E2 pin
is the energy direction indicator. Positive energy is rep-
resented by E1 pin falling while the E2 is high. Negative
energy is represented by the E1 pin falling while the E2
is low. The E1 and E2 switching characteristics are
specified in Figure 2. Timing Diagram for E1, E2 and E3
on page13.
Figure 5 illustrates the pulse output format with positive
active energy and negative reactive energy.
2
23
1
–
()
2
23
------------------------
0.99999988
=
ε f
i fs
⁄
=
ε 50 Hz 4000 Hz
⁄
0.0125
==
ε 60 Hz 4000 Hz
⁄
0.015
==
E2MODE
E2 Output Mode
0
Sign of Energy
1
Apparent Energy
Table 2. E2 Pin Configuration
E3MODE1
E3MODE0
E3 OutPut Mode
0
0
Reactive Energy
01
PFMON
1
0
Voltage Channel Sign
1
1
Apparent Energy
Table 3. E3 Pin Configuration
t
pw
sec
()
1
( MCLK/K ) / 1024
-------------------------------------
≅
E3
E2
E1
Figure 5. Active and Reactive energy pulse outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com