Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 54Page - STMicroelectronics STM32MP151D Datasheet HTML 55Page - STMicroelectronics STM32MP151D Datasheet HTML 56Page - STMicroelectronics STM32MP151D Datasheet HTML 57Page - STMicroelectronics STM32MP151D Datasheet HTML 58Page - STMicroelectronics STM32MP151D Datasheet HTML 59Page - STMicroelectronics STM32MP151D Datasheet HTML 60Page - STMicroelectronics STM32MP151D Datasheet HTML 61Page - STMicroelectronics STM32MP151D Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 253 page
background image
Pinouts, pin description and alternate functions
STM32MP151A/D
58/253
DS12500 Rev 3
Figure 7. STM32MP151A/DACxx TFBGA361 pinout
The above figure shows the package top view.
MSv47443V2
PH15
PH12
PH4
PE12
PD10
PD4
PG15
PD0
PD1
PB9
PC7
PB15
PC6
DNU
DNU
PB4
DNU
VDD_
Unused
NJ
TRST
PI0
PH10
PH14
PH11
PH9
PE14
VSS
PE1
PE3
PE6
PE5
VSS
VDDA
1V8_
Unused
DNU
VSS
PB14
VDD
1V2_
Unused
VDD
1V2_
Unused
PA15
PH13
PD6
PE15
VSS
PH8
PE0
PF5
PF0
PF4
PD7
PB7
PD2
PD3
PC10
PC11
PC12
PC9
PC8
PE4
VSS
PH5
PE13
PE11
PF1
PD5
PA9
PG6
PB3
PF2
DNU
PA8
DNU
JTDO-
TRACE
SWO
VSS
PG0
PA2
PF14
PB12
PC4
PA6
VSS
PD11
PF8
PG7
USB_
DP2
PE8
USB_
DP1
OTG_
VBUS
DDR_
VREF
DDR_
DQ29
DDR_
DQ28
PE2
PC2
PB10
PF15
PF13
PG5
PG11
PB5
DDR_
DQ24
PF12
PF11
PH6
PF10
PB6
PE10
PB2
PG9
PA10
PD12
DDR_
ATO
DDR_
A8
DDR_
DQ15
DDR_
DQ25
PG14
PG13
PH3
PA1
VSS
PC1
PB1
VSS
DDR_
DQ30
PE9
PB13
PE7
VSS
PF9
VDD
3V3_
USBHS
VSS_
USBHS
PF6
VDD
3V3_
USBFS
PA11
PD13
DDR_
DQM3
VSS
DDR_
DQ31
PB11
PG4
PA0
PH2
PC0
PB0
PC5
PA7
DDR_
DQS3N
PG8
PB8
PG10
PF7
VDDA
1V8_
REG
VDDA
1V1_
REG
USB_
DM2
BYPAS
S_REG
1V8
USB_
DM1
USB_
RREF
PA12
DDR_
DQ27
DDR_
DQ26
DDR_
DQS3P
DDR_
DQ12
DDR_
DQ14
DDR_
DQ11
DDR_
A6
DDR_
DQ13
DDR_
DQ10
DDR_
DQ8
DDR_
CKE
DDR_
DQS1N
DDR_
DQS1P
DDR_
DQ9
DDR_
BA1
DDR_
DQM1
VSS
DDR_
A4
DDR_
A10
DDR_
A14
DDR_
A11
DDR_
CSN
DDR_
BA2
DDR_
WEN
DDR_
CLKN
DDR_
CLKP
DDR_
RASN
DDR_
CASN
DDR_
A12
DDR_
A1
VSS
DDR_
A15
DDR_
BA0
DDR_
ODT
DDR_
DTO1
DDR_
A0
DDR_
DQM0
DDR_
DQ6
DDR_
DQ2
DDR_
A5
DDR_
DQ5
DDR_
DQ4
DDR_
A2
DDR_
ZQ
DDR_
A3
VSS
DDR_
DTO0
DDR_
DQ21
DDR_
DQ0
DDR_
DQ3
DDR_
A7
DDR_
DQ1
VSS
DDR_
A13
DDR_
DQS0N
DDR_
DQS0P
DDR_
DQ7
DDR_
A9
PG1
PC3
VSS
PH7
PI10
PA14
PDR_
ON_
CORE
PG3
PF3
PA3
ANA0
ANA1
PG2
PA5
PA4
PWR_
ON
PDR_
ON
VREF+
BOOT2
NRST
NRST_
CORE
BOOT0
PA13
PWR_
LP
BOOT1
PH0-
OSC_IN
PH1-
OSC_
OUT
VSS
PI11
PC15-
OSC32
_OUT
PC14-
OSC32
_IN
PD14
PI8
PZ6
PZ5
VSS
PI9
PD15
PZ7
PZ2
PD9
PC13
PD8
PG12
PI3
PI2
PI1
PI4
PI7
PI5
PI6
PZ1
PZ4
PZ0
PZ3
DDR_
DQS2N
JTCK-
SWCLK
DDR_
DQ19
DDR_
DQ16
DDR_
DQM2
JTMS-
SWDIO
VSS
DDR_
DQS2P
DDR_
DQ18
DDR_
RESET
N
DDR_
DQ22
DDR_
DQ17
VSS
JTDI
DDR_
DQ20
DDR_
DQ23
VDD
CORE
VSS
VDD
CORE
VSS
VBAT
VSS_
ANA
VDDA
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD_
ANA
VSSA
VDD
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
VSS
VDD
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
VSS
VDD
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
VSS
VDDQ_
DDR
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDD
CORE
VSS
VDDQ_
DDR
VSS
VDDQ_
DDR
VSS
VDDQ_
DDR
VSS
VDDQ_
DDR
VSS
VDDQ_
DDR
VDDQ_
DDR
VSS
VDDQ_
DDR
VSS
VDDQ_
DDR
VSS
VDDQ_
DDR
19
2345678
1A
1B
1C
1D
1E
1F
1G
1H
1J
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
23
14
3
22
21
20
14
13
12
11
10
9
8
7
6
519
18
17
16
15
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com