Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 33Page - STMicroelectronics STM32MP151D Datasheet HTML 34Page - STMicroelectronics STM32MP151D Datasheet HTML 35Page - STMicroelectronics STM32MP151D Datasheet HTML 36Page - STMicroelectronics STM32MP151D Datasheet HTML 37Page - STMicroelectronics STM32MP151D Datasheet HTML 38Page - STMicroelectronics STM32MP151D Datasheet HTML 39Page - STMicroelectronics STM32MP151D Datasheet HTML 40Page - STMicroelectronics STM32MP151D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 253 page
background image
DS12500 Rev 3
37/253
STM32MP151A/D
Functional overview
55
3.21
Analog-to-digital converters (ADCs)
The STM32MP151A/D devices embed two analog-to-digital converters, which resolution
can be configured to 16, 14, 12, 10 or 8 bits. Each ADC shares up to 20 external channels,
performing conversions in the single-shot or scan mode. In scan mode, automatic
conversion is performed on a selected group of analog inputs.
Additional logic functions embedded in the ADC interface allow:
•
simultaneous ADC1/ADC2 conversion
•
interleaved ADC1/ADC2 conversion.
The ADC can be served by the DMA controller, thus allowing the automatic transfer of ADC
converted values to a destination location without any software action.
In addition, an analog watchdog feature can accurately monitor the converted voltage of
one, some or all selected channels. An interrupt is generated when the converted voltage is
outside the programmed thresholds.
In order to synchronize A/D conversion and timers, the ADCs can be triggered by any of
TIM1, TIM2, TIM3, TIM4, TIM6, TIM8, TIM15, LPTIM1, LPTIM2 and LPTIM3 timers.
3.22
Temperature sensor
The STM32MP151A/D devices embed a temperature sensor that generates a voltage (VTS)
that varies linearly with the temperature. This temperature sensor is internally connected to
ADC2_INP12. It can measure the device ambient temperature ranging from –40 to +125 °C
with a precision of ±2%.
The temperature sensor has a good linearity, but it has to be calibrated to obtain a good
overall accuracy of the temperature measurement. As the temperature sensor offset varies
from chip to chip due to process variation, the uncalibrated internal temperature sensor is
suitable for applications that detect temperature changes only. To improve the accuracy of
the temperature sensor measurement, each device is individually factory-calibrated by ST.
The temperature sensor factory calibration data are stored by ST in the OTP area, which is
accessible in read-only mode.
3.23
Digital temperature sensor (DTS)
The device embeds a frequency output temperature sensor. This block counts the
frequency based on the LSE or PCLK to provide the temperature information.
Following functions can be supported:
•
Interrupt generation by temperature threshold.
•
Wakeup signal generation by temperature threshold.
3.24
VBAT operation
The VBAT power domain contains the RTC, the backup registers, the retention RAM and the
backup SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com