Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 27Page - STMicroelectronics STM32MP151D Datasheet HTML 28Page - STMicroelectronics STM32MP151D Datasheet HTML 29Page - STMicroelectronics STM32MP151D Datasheet HTML 30Page - STMicroelectronics STM32MP151D Datasheet HTML 31Page - STMicroelectronics STM32MP151D Datasheet HTML 32Page - STMicroelectronics STM32MP151D Datasheet HTML 33Page - STMicroelectronics STM32MP151D Datasheet HTML 34Page - STMicroelectronics STM32MP151D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 253 page
background image
DS12500 Rev 3
31/253
STM32MP151A/D
Functional overview
55
3.9.2
System reset sources
The power-on reset initializes all registers while the system reset reinitializes the system
except for the debug, part of the RCC and power controller status registers, as well as the
backup power domain.
An application reset is generated from one of the following sources:
–
a reset from NRST pad
–
a reset from POR and PDR signal (generally called power-on reset)
–
a reset from BOR (generally called brownout)
–
a reset from the independent watchdogs 1
–
a reset from the independent watchdogs 2
–
a software reset from the Cortex-M4 (MCU)
–
a software reset from the Cortex-A7 (MPU)
–
a failure on HSE, when the clock security system feature is activated
A system reset is generated from one of the following sources:
–
An application reset,
–
A reset from POR_VDDCORE signal,
–
Every time the system exits from Standby.
3.10
Hardware semaphore (HSEM)
The HW semaphore block provides 64 (32-bit) register-based semaphores.
The semaphores can be used to ensure synchronization between different processes
running on a core and between different cores. The HSEM provides a non blocking
mechanism to lock semaphores in an atomic way. The following functions are provided:
•
Locking a semaphore can be done in 2 ways:
–
2-step lock: by writing CoreID and ProcessID to the semaphore, followed by a
read check.
–
1-step lock: by reading the CoreID from the semaphore.
•
Interrupt generation when a semaphore is freed.
–
Each semaphore may generated an interrupt on one of the interrupt lines.
•
Semaphore clear protection.
–
A semaphore is only cleared when CoreID and ProcessID matches.
•
Global semaphore clear per CoreID.
3.11
Inter-processor communication controller (IPCC)
The inter-processor communication controller (IPCC) is used for communicating data
between two processors.
The IPCC block provides a non blocking signaling mechanism to post and retrieve
communication data in an atomic way. It provides the signaling for four channels:
•
two channels in the direction from processor 1 to processor 2
•
two channels in the opposite direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com