Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 6Page - STMicroelectronics STM32MP151D Datasheet HTML 7Page - STMicroelectronics STM32MP151D Datasheet HTML 8Page - STMicroelectronics STM32MP151D Datasheet HTML 9Page - STMicroelectronics STM32MP151D Datasheet HTML 10Page - STMicroelectronics STM32MP151D Datasheet HTML 11Page - STMicroelectronics STM32MP151D Datasheet HTML 12Page - STMicroelectronics STM32MP151D Datasheet HTML 13Page - STMicroelectronics STM32MP151D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 253 page
background image
List of tables
STM32MP151A/D
10/253
DS12500 Rev 3
Table 97.
I2C FM+ pin characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 213
Table 98.
SPI dynamic characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 214
Table 99.
I2S dynamic characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 217
Table 100. SAI characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 219
Table 101. MDIOS timing parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 221
Table 102. Dynamic characteristics: SD / MMC / e•MMC characteristics,
VDD = 2.7 V to 3.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 222
Table 103. Dynamic characteristics: SD / MMC / e•MMC characteristics
VDD = 1.71 V to 1.9 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 222
Table 104. USB OTG_FS electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 224
Table 105. Dynamics characteristics: Ethernet MAC timings for MDIO/SMA. . . . . . . . . . . . . . . . . . . 225
Table 106. Dynamics characteristics: Ethernet MAC timings for RMII . . . . . . . . . . . . . . . . . . . . . . . . 225
Table 107. Dynamics characteristics: Ethernet MAC timings for MII . . . . . . . . . . . . . . . . . . . . . . . . . 226
Table 108. Dynamics characteristics: Ethernet MAC signals for GMII . . . . . . . . . . . . . . . . . . . . . . . 227
Table 109. Dynamics characteristics: Ethernet MAC signals for RGMII . . . . . . . . . . . . . . . . . . . . . . 228
Table 110. USART characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 229
Table 111. USB High-Speed PHY characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 229
Table 112. Dynamics characteristics: JTAG characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 231
Table 113. Dynamics characteristics: SWD characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 231
Table 114. TFBGA - Mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 234
Table 115. TFBGA - Recommended PCB design rules (0.5/0.65 mm pitch, BGA) . . . . . . . . . . . . . . 235
Table 116. LFBGA - Mechanical data. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 237
Table 117. LFBGA - Recommended PCB design rules (0.8 mm pitch, BGA) . . . . . . . . . . . . . . . . . . 239
Table 118. TFBGA - Mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 241
Table 119. TFBGA - Recommended PCB design rules (0.5/0.65 mm pitch BGA) . . . . . . . . . . . . . . . 242
Table 120. LFBGA - Mechanical data. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 244
Table 121. LFBGA - Recommended PCB design rules (0.8 mm pitch, BGA) . . . . . . . . . . . . . . . . . . 245
Table 122. Thermal characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 247
Table 123. STM32MP151A/D ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 249
Table 124. Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com